Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13379 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13379
Description  Angela series
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13379 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13379 Datasheet HTML 1Page - Ledil, Inc. F13379 Datasheet HTML 2Page - Ledil, Inc. F13379 Datasheet HTML 3Page - Ledil, Inc. F13379 Datasheet HTML 4Page - Ledil, Inc. F13379 Datasheet HTML 5Page - Ledil, Inc. F13379 Datasheet HTML 6Page - Ledil, Inc. F13379 Datasheet HTML 7Page - Ledil, Inc. F13379 Datasheet HTML 8Page - Ledil, Inc. F13379 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 209 page
background image
PRODUCT DATASHEET
Angela series
last update 6/3/2017
DETAILS
Product Number
F13379_ANGELA-S
Family
Angela
Type
Reflector
Color
metal
Diameter
119,5 mm
Height
74,27 mm
Style
round
Optic Material
PC
Holder Material
Fastening
socket
Status
production ready
ROHS Compliant
Yes
Date Updated
6/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V13 Gen7
9 deg
Spot
90 %
17.000
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
V22 Gen7
sim: 12
Spot
sim: 93 % sim: 8.348 IDEAL: 50-2204-CT + 50-2100AN
V13 Gen7
sim: 11
Spot
sim: 90 % sim: 11.520 IDEAL: 50-2103CT + 50-2100AN
VERO13
8 deg
Spot
94 %
22.480
LEDiL: LEDiL
VERO18
12 deg
Spot
93 %
11.000
LEDiL: LEDiL
V15 Gen6
10 deg
Spot
92 %
15.300
Bender Wirth: 456 Typ L2
V10 Gen7
sim: 10
Spot
sim: 91 % sim: 15.300 Bender Wirth: 434 Typ L1
V13 Gen7
10 deg
Spot
86 %
10.500
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
VERO29
22 deg
Spot
85 %
3.580
-
VERO29
22 deg
Spot
85 %
3.410
-
CLL03x/CLU03x
9 deg
Spot
94 %
18.600
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CLU720/721
7 deg
Spot
94 %
24.000
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CLL03x/CLU03x
9 deg
Spot
88 %
14.000
IDEAL: 50-2103CT + 50-2100AN
CLL04x/CLU04x
14 deg
Spot
89 %
6.800
Bender Wirth: 431 Typ L3
CLU730/731
8,5 deg
Spot
91 %
18.900
Bender Wirth: 471 Typ L3
CLU720/721
7 deg
Spot
88 %
26.100
Bender Wirth: 433 Typ L1
CLL03x/CLU03x
10 deg
Spot
88 %
15.000
Bender Wirth: 433 Typ L1
CLU700/701
5 deg
Spot
88 %
57.800
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
6 deg
Spot
90 %
34.100
Bender Wirth: 434 Typ L1
CXA/B 1830
sim: 12
Spot
sim: 88 % sim: 10.200 TE: 2213401-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CXA/B 1816 & CXA/B 1820 & CXA 1850 8 deg
Spot
89 %
22.600
Bender Wirth: 437 Typ L1
CXA/B 15xx
5,8 deg
Spot
92 %
37.600
Bender Wirth: 441 Typ L1
CXA/B 25xx
11 deg
Spot
92 %
11.700
LEDiL: LEDiL
CXA/B 30xx
14 deg
Spot
92 %
7.300
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 9 deg
Spot
91 %
24.700
LEDiL: LEDiL
January 22nd 2018 7:54 Copyright Ledil Oy - Subject to change without prior notice - Page 1/32
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F13379

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F13379 CREE-F13379 Datasheet
5Mb / 100P
ANGELA series
More results

Similar Description - F13379

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13706 CREE-FCN13706 Datasheet
2Mb / 40P
ANGELA series
FCN14381 CREE-FCN14381 Datasheet
560Kb / 7P
ANGELA series
F13379 CREE-F13379 Datasheet
5Mb / 100P
ANGELA series
F13380 CREE-F13380 Datasheet
5Mb / 108P
ANGELA series
F13663 CREE-F13663 Datasheet
5Mb / 100P
ANGELA series
F13840 CREE-F13840 Datasheet
5Mb / 88P
ANGELA series
FC13980 CREE-FC13980 Datasheet
2Mb / 17P
ANGELA series
FC13983 CREE-FC13983 Datasheet
2Mb / 15P
ANGELA series
FC13987 CREE-FC13987 Datasheet
2Mb / 17P
ANGELA series
logo
Ledil, Inc.
F13381 LEDIL-F13381 Datasheet
9Mb / 219P
Angela series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com