Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN14720 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FN14720
Description  Stella series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14720 Datasheet(HTML) 2 Page - Ledil, Inc.

  FN14720 Datasheet HTML 1Page - Ledil, Inc. FN14720 Datasheet HTML 2Page - Ledil, Inc. FN14720 Datasheet HTML 3Page - Ledil, Inc. FN14720 Datasheet HTML 4Page - Ledil, Inc. FN14720 Datasheet HTML 5Page - Ledil, Inc. FN14720 Datasheet HTML 6Page - Ledil, Inc. FN14720 Datasheet HTML 7Page - Ledil, Inc. FN14720 Datasheet HTML 8Page - Ledil, Inc. FN14720 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
PRODUCT DATASHEET
Stella series
last update 15/2/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
COB D Series LES 22 mm
37 deg
Streetligh...
84 %
0.920
-
COB D Series LES 14.5 mm
27 deg
Streetligh...
83 %
1.500
-
MJT COB LES 22
36 deg
Streetligh...
84 %
0.960
IDEAL: 50-2204CT
MJT COB LES 14.5
28 deg
Streetligh...
84 %
1.500
IDEAL: 50-2103CT
SLE G5 LES19
30 deg
Streetligh...
86 %
1.360
-
SLE G5 LES23
35 deg
Streetligh...
86 %
1.050
-
January 22nd 2018 7:49 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com