Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15264 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15264
Description  Stella series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15264 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15264 Datasheet HTML 1Page - Ledil, Inc. FN15264 Datasheet HTML 2Page - Ledil, Inc. FN15264 Datasheet HTML 3Page - Ledil, Inc. FN15264 Datasheet HTML 4Page - Ledil, Inc. FN15264 Datasheet HTML 5Page - Ledil, Inc. FN15264 Datasheet HTML 6Page - Ledil, Inc. FN15264 Datasheet HTML 7Page - Ledil, Inc. FN15264 Datasheet HTML 8Page - Ledil, Inc. FN15264 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
PRODUCT DATASHEET
Stella series
last update 7/7/2017
DETAILS
Product Number
FN15264_STELLA-HB-WWW
Family
Stella
Type
Pack
Color
black
Diameter
90 mm
Height
11,3 mm
Style
round
Optic Material
Silicone
Holder Material
Fastening
screw
Status
production ready
ROHS Compliant
Yes
Date Updated
7/07/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO29
103 deg
WWW-class 91 %
0.350
-
Vero SE 29
105 deg
WWW-class 92 %
0.340
-
Vero SE 13
101 deg
WWW-class 90 %
0.370
-
Vero SE 18
101 deg
WWW-class 90 %
0.370
-
VERO18
102 deg
WWW-class 89 %
0.360
-
V10 Gen7
sim: 95
WWW-class sim: 88 % sim: 0.430 Bender Wirth: 434 Typ Z1
V22 Gen7
sim: 96
WWW-class sim: 94 % sim: 0.457 IDEAL: 50-2204CT
V22 Gen7
sim: 94
WWW-class sim: 94 % sim: 0.457 Bender Wirth: 431 Typ Z1
V18 Gen7
sim: 98
WWW-class sim: 87 % sim: 0.390 BJB: 47.319.2350
V13 Gen7
sim: 94
WWW-class sim: 94 % sim: 0.440 Bender Wirth: 477 Typ Z1
V13 Gen7
sim: 94
WWW-class sim: 94 % sim: 0.448 -
V22 Gen7
102 deg
WWW-class 89 %
0.350
Bender Wirth: 431 Typ Z1
CLL02x/CLU02x (LES10)
100 deg
WWW-class 88 %
0.370
-
CLL04x/CLU04x
102 deg
WWW-class 89 %
0.360
-
CLL05x/CLU05x
sim: 97
WWW-class sim: 87 % sim: 0.380 -
CXA/B 3590
102 deg
WWW-class 90 %
0.360
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 102 deg
WWW-class 87 %
0.350
-
CXA/B 25xx
sim: 98
WWW-class sim: 89 % sim: 0.400 -
LUXEON CoB 1216/1812
sim: 99
WWW-class sim: 87 % sim: 0.360 -
LUXEON CoB 1321
102 deg
WWW-class 89 %
0.340
-
LUXEON CoB 1825
100 deg
WWW-class 88 %
0.400
-
COB H-Type
101 deg
WWW-class 89 %
0.360
-
COB J-Type
102 deg
WWW-class 88 %
0.360
-
Fortimo SLM 1211 L19 G6 Poke-In
101 deg
WWW-class 93 %
0.380
-
MJT COB LES 33
101 deg
WWW-class 90 %
0.360
Bender Wirth: 458 Typ L4
January 22nd 2018 7:49 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN15264

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15267 LEDIL-FN15267 Datasheet
2Mb / 45P
Angelette RefPack
FN15268 LEDIL-FN15268 Datasheet
2Mb / 43P
Angelette RefPack
FN15269 LEDIL-FN15269 Datasheet
1Mb / 27P
Angelette RefPack
More results

Similar Description - FN15264

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14412 CREE-FCN14412 Datasheet
696Kb / 7P
STELLA series
FCN14661 CREE-FCN14661 Datasheet
458Kb / 3P
STELLA series
FN13323 CREE-FN13323 Datasheet
4Mb / 66P
STELLA series
FN14253 CREE-FN14253 Datasheet
1Mb / 29P
STELLA series
FN14645 CREE-FN14645 Datasheet
2Mb / 39P
STELLA series
FN14976 CREE-FN14976 Datasheet
3Mb / 43P
STELLA series
FN15187 CREE-FN15187 Datasheet
1Mb / 15P
STELLA series
logo
Ledil, Inc.
FN14074 LEDIL-FN14074 Datasheet
2Mb / 48P
Stella series
FN14720 LEDIL-FN14720 Datasheet
3Mb / 64P
Stella series
FN15379 LEDIL-FN15379 Datasheet
3Mb / 54P
Stella series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com