Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5923 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5923
Description  LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5923 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5923 Datasheet HTML 1Page - Texas Instruments TLC5923 Datasheet HTML 2Page - Texas Instruments TLC5923 Datasheet HTML 3Page - Texas Instruments TLC5923 Datasheet HTML 4Page - Texas Instruments TLC5923 Datasheet HTML 5Page - Texas Instruments TLC5923 Datasheet HTML 6Page - Texas Instruments TLC5923 Datasheet HTML 7Page - Texas Instruments TLC5923 Datasheet HTML 8Page - Texas Instruments TLC5923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
On/Off
Input
Shift
Register
DC Input
Shift
Register
7−bit DC Register
Delay
x0
Constant Current
Driver
LOD
MODE
0
1
MODE
0
1
0
15
111
0
On/Off Register
0
6
0
0
0
1
Temperature
Error Flag
(TEF)
LED Open
Detection
(LOD)
7−bit DC Register
Delay
x1
Constant Current
Driver
LOD
On/Off Register
7
13
1
1
7−bit DC Register
Delay
x15
Constant Current
Driver
LOD
On/Off Register
105
111
15
15
BLANK
0
Max. OUTn
Current
GND
VCC
SIN
SCLK
SOUT
IREF
XERR
XLAT
MODE
OUT0
OUT1
OUT15
PGND
BLANK
BLANK
BLANK
16
16
112
1
TLC5923
SLVS550 – DECEMBER 2004
LED DRIVER
•
Monocolor, Multicolor, Fullcolor LED Display
•
16 Channels
•
Monocolor, Multicolor LED Signboard
•
Drive Capability
•
Display Backlighting
– 0 to 80 mA (Constant-Current Sink)
•
Multicolor LED lighting applications
•
Constant Current Accuracy
–
±1% (typical)
•
Serial Data Interface
The TLC5923 is a 16 channel constant-current sink
•
Fast Switching Output: Tr / Tf = 10ns (typical)
driver. Each channel has a On/Off state and a
•
CMOS Level Input/Output
128-step adjustable constant current sink (dot correc-
tion). The dot correction adjusts the brightness vari-
•
30 MHz Data Transfer Rate
ations between LED, LED channels and other LED
•
VCC = 3.0 V to 5.5 V
drivers. Both dot correction and On/Off state are
•
Operating Temperature = -20
°C to 85 °C
accessible via a serial data interface. A single exter-
nal resistor sets the maximum current of all 16
•
LED Supply Voltage up to 17 V
channels.
•
32-pin HTSSOP (PowerPAD™) Package
The TLC5923 features two error information circuits.
•
Dot Correction
The LED open detection (LOD) indicates a broken or
– 7 bit (128 Steps)
disconnected LED at an output terminal. The thermal
– individual adjustable for each channel
error flag (TEF) indicates an overtemperature con-
dition.
•
Controlled In-Rush Current
•
Error Information
– LOD: LED Open Detection
– TEF: Thermal Error Flag
Figure 1. Function Block Diagram
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Similar Description - TLC5923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com