Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPXM2102AT1
Description  100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 4 Page - Motorola, Inc

  MPXM2102AT1 Datasheet HTML 1Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 2Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 3Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 4Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 5Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 6Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 7Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPXM2102 SERIES
4
Motorola Sensor Device Data
PACKAGE DIMENSIONS
CASE 1320A–02
MPAK, STYLE 1
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.325
0.335
8.25
8.51
B
0.245
0.255
6.22
6.48
C
0.155
0.165
3.94
4.19
D
0.014
0.018
0.35
0.46
E
0.120
0.130
3.05
3.30
F
0.020
0.030
0.51
0.76
G
0.050
1.27
J
0.009
0.011
0.23
0.28
K
0.002
0.010
0.05
0.25
M
0
7
0
7
P
0.475
0.485
12.06
12.32
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
P
D
G
–A–
–B–
–T–
S
B
M
0.25 (0.10)
A S
T
VENT
0.040
1
4
C
M
J
F
BACKSIDE VENT
E
K
SEATING PLANE
STYLE 1:
PIN 1. GND
2. +VOUT
3. VS
4. -VOUT
__
__
CASE 1320A–02
MPAK, STYLE 2
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.325
0.335
8.25
8.51
B
0.245
0.255
6.22
6.48
C
0.377
0.397
9.57
10.08
D
0.014
0.018
0.35
0.46
E
0.120
0.130
3.05
3.30
F
0.020
0.030
0.51
0.76
G
0.050
1.27
J
0.009
0.011
0.23
0.28
K
0.002
0.010
0.05
0.25
M
0
7
0
7
P
0.475
0.485
12.06
12.32
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
P
D
G
–A–
–B–
–T–
S
B
M
0.25 (0.10)
A S
T
1
4
C
M
J
F
S
K
SEATING PLANE
STYLE 1:
PIN 1. GND
2. +VOUT
3. VS
4. -VOUT
__
__
W
V
U
E
S
0.107
0.117
2.71
2.97
U
0.192
0.202
4.88
5.13
V
0.283
0.293
7.19
7.44
W
0.363
0.373
9.22
9.47



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com