Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM033NA04LCR Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM033NA04LCR
Description  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM033NA04LCR Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM033NA04LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM033NA04LCR
Taiwan Semiconductor
2
Version: B1611
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
40
--
--
V
Gate Threshold Voltage
VGS = VDS, ID = 250µA
VGS(TH)
1.2
1.7
2.5
V
Gate-Source Leakage Current
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Drain-Source Leakage Current
VGS = 0V, VDS = 40V
IDSS
--
--
1
µA
VGS = 0V, VDS = 40V
TJ = 125°C
--
--
100
Drain-Source On-State Resistance
(Note 3)
VGS = 10V, ID = 20A
RDS(on)
--
2.3
3.3
m
Ω
VGS = 4.5V, ID = 20A
--
3.3
4.4
Forward Transconductance
(Note 3)
VDS = 5V, ID = 20A
gfs
--
56
--
S
Dynamic
(Note 4)
Total Gate Charge
VGS = 10V, VDS = 20V,
ID = 20A
Qg
--
47
--
nC
Total Gate Charge
VGS = 4.5V, VDS = 20V,
ID = 20A
Qg
--
23
--
Gate-Source Charge
Qgs
--
10
--
Gate-Drain Charge
Qgd
--
8
--
Input Capacitance
VGS = 0V, VDS = 20V
f = 1.0MHz
Ciss
--
3130
--
pF
Output Capacitance
Coss
--
670
--
Reverse Transfer Capacitance
Crss
--
137
--
Gate Resistance
f = 1.0MHz
Rg
0.5
1.7
3.4
Ω
Switching
(Note 4)
Turn-On Delay Time
VGS = 10V, VDS = 20V,
ID = 13A, RG = 10Ω,
td(on)
--
25.1
--
ns
Turn-On Rise Time
tr
--
15.2
--
Turn-Off Delay Time
td(off)
--
80
--
Turn-Off Fall Time
tf
--
11.8
--
Source-Drain Diode
Forward Voltage
(Note 3)
VGS = 0V, IS = 20A
VSD
--
--
1.2
V
Reverse Recovery Time
IS = 20A ,
dI/dt = 100A/
μs
trr
--
42
--
ns
Reverse Recovery Charge
Qrr
--
63
--
nC
Notes:
1.
Silicon limited current only.
2.
L = 0.3mH, VGS = 10V, VDS = 30V, RG = 25Ω, IAS = 44A, Starting TJ = 25°C
3.
Pulse test: Pulse Width ≤ 300µs, duty cycle ≤ 2%.
4.
Switching time is essentially independent of operating temperature.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TSM033NA04LCR RLG
PDFN56
2,500pcs / 13
” Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com