Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM033NB04LCR Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM033NB04LCR
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM033NB04LCR Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM033NB04LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM033NB04LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM033NB04LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM033NB04LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM033NB04LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM033NB04LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM033NB04LCR Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM033NB04LCR
Taiwan Semiconductor
1
Version: A1712
N-Channel Power MOSFET
40V, 121A, 3.3m
Ω
FEATURES
● Low R
DS(ON) to minimize conductive losses
● Logic level
● Low gate charge for fast power switching
● 100% UIS and R
g tested.
● 175°C Operating Junction Temperature
● Compliant to RoHS directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● BLDC Motor Control
● Battery Power Management
● DC-DC converter
● Secondary Synchronous Rectification
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
40
V
RDS(on) (max)
VGS = 10V
3.3
m
Ω
VGS = 4.5V
4
Qg
40
nC
PDFN56
Note: MSL 1 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
121
A
TA = 25°C
21
Pulsed Drain Current
IDM
484
A
Single Pulse Avalanche Current
(Note 2)
IAS
34
A
Single Pulse Avalanche Energy
(Note 2)
EAS
173
mJ
Total Power Dissipation
TC = 25°C
PD
107
W
TC = 125°C
36
Total Power Dissipation
TA = 25°C
PD
3.1
W
TA = 125°C
1
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +175
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
1.4
°C/W
Junction to Ambient Thermal Resistance
RӨJA
48
°C/W
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design. The RӨJA limit presented here is based on mounting on a 1 in
2 pad of 2 oz copper.


Similar Part No. - TSM033NB04LCR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM033NB04CR TSC-TSM033NB04CR Datasheet
394Kb / 7P
N-Channel Power MOSFET
TSM033NB04CRRLG TSC-TSM033NB04CRRLG Datasheet
394Kb / 7P
N-Channel Power MOSFET
More results

Similar Description - TSM033NB04LCR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com