Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC02A3BNUH Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE24AC02A3BNUH
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC02A3BNUH Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24AC02A3BNUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC02A3BNUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC02A3BNUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC02A3BNUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC02A3BNUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC02A3BNUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC02A3BNUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC02A3BNUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC02A3BNUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ACE24AC02A3
Two-wire Serial EEPROM
VER 1.3
3
Block Diagram
Pin Description
A.
Serial Clock (SCL)
The rising edge of this SCL input is to latch data into the EEPROM device while the falling edge of
this clock is to clock data out of the EEPROM device.
B.
Serial Data Line (SDA)
SDA data line is a bi-directional signal for the serial devices. It is an open drain output signal and can
be wired-OR with other open-drain output devices.
C.
Write Protect(WP)
The ACE24AC02A3 devices have a WP pin to protect the whole EEPROM array from programming.
Programming operations are allowed if WP pin is left un-connected or input to VIL. Conversely all
programming functions are disabled if WP pin is connected to VIH or VCC. Read operations is not
affected by the WP pin’s input level.
Memory Organization
The ACE24AC02A3 devices have 16 pages. Since each page has 16 bytes, random word addressing
to ACE24AC02A3 will require 8 bits data word addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com