Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC32DTMTH Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

Part # ACE24AC32DTMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC32DTMTH Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE24AC32DTMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC32DTMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC32DTMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC32DTMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC32DTMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24AC32DTMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24AC32DTMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24AC32DTMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE24AC32DTMTH Datasheet HTML 18Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ACE24AC32D
Two-wire Serial EEPROM
VER 1.2
16
Packaging information
SOT-23-5
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.95 (BSC)
0.037 (BSC)
e1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
θ
0°
8°
0°
6°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com