Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC100GFMTH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE25AC100GFMTH
Description  SPI NOR FLASH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC100GFMTH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE25AC100GFMTH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25AC100GFMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25AC100GFMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25AC100GFMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25AC100GFMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AC100GFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC100GFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC100GFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC100GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ACE25AC100G
SPI NOR FLASH
VER 1.1
4
Data Protection
The ACE25AC100G provides the following data protection methods:
Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL
bit will return to reset by the following situation:
Power-Up
Write Disable (WRDI)
Write Status Register (WRSR)
Page Program (PP)
Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
Software Protection Mode:
SRWD=0, the Block Protect (BP2, BP1, BP0) bits define the section of the memory array that can be
read but not change
SRWD=1, the Write Status Register (WRSR) instruction is no longer accepted for execution and the
SRWD bit and Block Protect bits (BP2, BP1, BP0) are read only.
Table 1.ACE25AC100G Protected Area Sizes
Status bit
Protect level
Protect Block
BP2
BP1
BP0
0
0
0
0(none)
None
0
0
1
1 (1 block)
Block 7
0
1
0
2 (2 blocks)
Block 6-7
0
1
1
3 (4 blocks)
Block 4-7
1
0
0
4 (8 blocks)
All
1
0
1
5 (All)
All
1
1
0
6 (All)
All
1
1
1
7 (All)
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com