Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC512GFMLTH Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE25AC512GFMLTH
Description  SPI NOR FLASH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC512GFMLTH Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE25AC512GFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC512GFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AC512GFMLTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AC512GFMLTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AC512GFMLTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AC512GFMLTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AC512GFMLTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AC512GFMLTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AC512GFMLTH Datasheet HTML 18Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ACE25AC512G
SPI NOR FLASH
VER 1.1
14
Electrical Characteristics
Power-On Timing
Table3. Power-Up Timing and Write Inhibit Threshold
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To CS# Low
10
us
tPUW
Time Delay Before Write Instruction
1
10
ms
VWI
Write Inhibit Voltage
1
2.5
V
Initial Delivery State
The device is delivered with the memory array erased: all bits are set to 1(each byte contains FFH).The
Status Register contains 00H (all Status Register bits are 0).
Data Retention and Endurance
Parameter
Test Condition
Min
Unit
Minimum Pattern Data Retention Time
150℃
10
Years
125℃
20
Years
Erase/Program Endurance
-40 to 85℃
100K
Cycles
Latch up Characteristics
Parameter
Min
Max
Input Voltage Respect To VSS On I/O Pins
-1.0V
VCC+1.0V
VCC Current
-100mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com