Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AC512GTMTH Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25AC512GTMTH
Description  SPI NOR FLASH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC512GTMTH Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25AC512GTMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 23Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ACE25AC512G
SPI NOR FLASH
VER 1.1
21
Packaging information
SOP-8L (208mil)
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
2.150
0.085
A1
0.050
0.250
0.002
0.010
A2
1.700
1.900
0.067
0.075
b
0.350
0.500
0.014
0.020
c
0.100
0.250
0.004
0.010
D
5.130
5.330
0.202
0.210
E
7.700
8.100
0.303
0.319
E1
5.180
5.380
0.204
0.212
e
1.270 (BSC)
0.050 (BSC)
L
0.500
0.850
0.020
0.033
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com