Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24LA04FMTH Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE24LA04FMTH
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA04FMTH Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE24LA04FMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LA04FMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA04FMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA04FMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA04FMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA04FMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA04FMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA04FMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA04FMTH Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ACE24LA02.04.08.16A
Two-wire Serial EEPROM
VER 1.1
7
addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At
this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile memory. All inputs
are disabled during this write cycle and the EEPROM will not respond until the write is complete (see
Figure 5).
Page Write:
The 2K EEPROM is capable of an 8-byte page write, and the 4K, 8K and 16K devices are capable of
16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition
after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data
word, the microcontroller can transmit up to seven (2K) or fifteen (4K, 8K, 16K) more data words. The
EEPROM will respond with a "0" after each data word received. The microcontroller must terminate the
page write sequence with a stop condition (see Figure 6).
The data word address lower three (2K) or four (4K, 8K, 16K) bits are internally incremented following the
receipt of each data word. The higher data word address bits are not incremented, retaining the memory
page row location. When the word address, internally generated, reaches the page boundary, the
following byte is placed at the beginning of the same page. If more than eight (2K) or sixteen (4K, 8K, 16K)
data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will
be overwritten.
Acknowledge Polling:
Once the internally timed write cycle has started and the EEPROM inputs are disabled, acknowledge
polling can be initiated. This involves sending a start condition followed by the device address word. The
read/write bit is representative of the operation desired. Only if the internal write cycle has completed will
the EEPROM respond with a "0", allowing the read or write sequence to continue.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write
select bit in the device address word is set to "1". There are three read operations: current address read,
random address read and sequential read.
Current Address Read:
The internal data word address counter maintains the last address accessed during the last read or write
operation, incremented by one. This address stays valid between operations as long as the chip power is
maintained. The address "roll over" during read is from the last byte of the last memory page to the first
byte of the first page. The address "roll over" during write is from the last byte of the current page to the
first byte of the same page. Once the device address with the read/write select bit set to "1" is clocked in
and acknowledged by the EEPROM, the current address data word is serially clocked out. The
microcontroller does not respond with an input "0" but does generate a following stop condition (see
Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com