Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LACN5M Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LACN5M
Description  LCD Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LACN5M Datasheet(HTML) 1 Page - OSRAM GmbH

  LACN5M Datasheet HTML 1Page - OSRAM GmbH LACN5M Datasheet HTML 2Page - OSRAM GmbH LACN5M Datasheet HTML 3Page - OSRAM GmbH LACN5M Datasheet HTML 4Page - OSRAM GmbH LACN5M Datasheet HTML 5Page - OSRAM GmbH LACN5M Datasheet HTML 6Page - OSRAM GmbH LACN5M Datasheet HTML 7Page - OSRAM GmbH LACN5M Datasheet HTML 8Page - OSRAM GmbH LACN5M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-01-27
1
2017-01-27
OSLON SX
Datasheet
Version 1.2
LA CN5M
Features:
Besondere Merkmale:
•
Package: SMD ceramic package with silicone
resin with lens
•
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % IV: 60°
•
Abstrahlwinkel bei 50 % IV: 60°
•
Color: amber (617 nm)
•
Farbe: amber (617 nm)
•
Optical efficiency (typ.): 60 lm/W (amber)
•
Optischer Wirkungsgrad (typ.): 60 lm/W
(amber)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
•
LCD Backlighting
•
LCD Beleuchtung
•
Camera Flash and Video Light
•
Blitzlicht für Kameras/ Videoleuchte
•
Backlighting
•
Hinterleuchtung
•
Reading Lamps
•
Leselampen
•
Decorative Lighting
•
Dekorative Beleuchtung
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Dashboard Backlighting
•
Instrumentenbeleuchtung


Similar Part No. - LACN5M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LACN5M-GAHA-24-1 OSRAM-LACN5M-GAHA-24-1 Datasheet
1Mb / 21P
SMD ceramic package with silicone
More results

Similar Description - LACN5M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBQ39E-N1OO-35-1 OSRAM-LBQ39E-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
LCD Backlighting
KWDPLS31.SB OSRAM-KWDPLS31.SB Datasheet
778Kb / 24P
LCD Backlighting
LYCN5M OSRAM-LYCN5M Datasheet
3Mb / 21P
LCD Backlighting
LBQ39G OSRAM-LBQ39G Datasheet
1Mb / 21P
LCD Backlighting
LDCN5M OSRAM-LDCN5M Datasheet
973Kb / 21P
LCD Backlighting
KWDPLS31.MB OSRAM-KWDPLS31.MB Datasheet
778Kb / 25P
LCD Backlighting
LWL28G OSRAM-LWL28G_15 Datasheet
576Kb / 23P
LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com