Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAP476 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LAP476
Description  Coupling into Light Guides
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAP476 Datasheet(HTML) 1 Page - OSRAM GmbH

  LAP476 Datasheet HTML 1Page - OSRAM GmbH LAP476 Datasheet HTML 2Page - OSRAM GmbH LAP476 Datasheet HTML 3Page - OSRAM GmbH LAP476 Datasheet HTML 4Page - OSRAM GmbH LAP476 Datasheet HTML 5Page - OSRAM GmbH LAP476 Datasheet HTML 6Page - OSRAM GmbH LAP476 Datasheet HTML 7Page - OSRAM GmbH LAP476 Datasheet HTML 8Page - OSRAM GmbH LAP476 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2015-01-19
1
2015-01-19
PointLED
Datasheet
Version 1.0
LA P476
top mount
reverse mount
With a diameter of just 2 mm, the PointLED is one of
the smallest packages in its class and achieves high
luminous efficacies. Due to its round and flat package,
measuring only 0.775 mm high, it is ideal for
application where space is a sensitive issue.
Mit nur 2 mm Durchmesser gehört die PointLED zu
den kleinsten LED auf dem Markt bei hohen
Effizienzen. Aufgrund ihres runden und flachen
Gehäuses mit nur 0,775 mm Bauhöhe ist sie ideal für
Applikationen mit begrenztem Raum.
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: amber (617 nm)
•
Farbe: amber (617 nm)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Coupling into Light Guides
•
Einkopplung in Lichtleiter
• Dashboard Backlighting
•
Instrumentenbeleuchtung
• Automotive Interior Lighting
•
Automobilbeleuchtung innen
• Backlighting
•
Hinterleuchtung
• Optical Indicator
•
Optischer Indikator


Similar Part No. - LAP476

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
Enhanced optical Power LED
logo
ams AG
LAP47B AMSCO-LAP47B Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
logo
OSRAM GmbH
LAP47B-S2U1-24-1 OSRAM-LAP47B-S2U1-24-1 Datasheet
440Kb / 16P
Enhanced optical Power LED
LAP47B-S2U1-24-1 OSRAM-LAP47B-S2U1-24-1 Datasheet
490Kb / 20P
Coupling into Light Guides
logo
ams AG
LAP47B-S2U1-24-1 AMSCO-LAP47B-S2U1-24-1 Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
More results

Similar Description - LAP476

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
Coupling into Light Guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
Coupling into Light Guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
Coupling into Light Guides
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
Coupling into light guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com