Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBQ39E Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LBQ39E
Description  LCD Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQ39E Datasheet(HTML) 5 Page - OSRAM GmbH

  LBQ39E Datasheet HTML 1Page - OSRAM GmbH LBQ39E Datasheet HTML 2Page - OSRAM GmbH LBQ39E Datasheet HTML 3Page - OSRAM GmbH LBQ39E Datasheet HTML 4Page - OSRAM GmbH LBQ39E Datasheet HTML 5Page - OSRAM GmbH LBQ39E Datasheet HTML 6Page - OSRAM GmbH LBQ39E Datasheet HTML 7Page - OSRAM GmbH LBQ39E Datasheet HTML 8Page - OSRAM GmbH LBQ39E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.3
LB Q39E
2015-09-01
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 20
Durchlassspannungsgruppen 3) Seite 20
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 6) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
L2
14
18
70
M1
18
22.4
80
M2
22.4
28
110
N1
28
35.5
130
N2
35.5
45
170
P1
45
56
210
P2
56
71
270
Q1
71
90
340
Q2
90
112
420
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3X
2.60
2.70
3Y
2.70
2.80
3Z
2.80
2.90
4X
2.90
3.00
4Y
3.00
3.10
Group
blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
3
464
468
4
468
472
5
472
476
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com