Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBQ39G Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LBQ39G
Description  LCD Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQ39G Datasheet(HTML) 1 Page - OSRAM GmbH

  LBQ39G Datasheet HTML 1Page - OSRAM GmbH LBQ39G Datasheet HTML 2Page - OSRAM GmbH LBQ39G Datasheet HTML 3Page - OSRAM GmbH LBQ39G Datasheet HTML 4Page - OSRAM GmbH LBQ39G Datasheet HTML 5Page - OSRAM GmbH LBQ39G Datasheet HTML 6Page - OSRAM GmbH LBQ39G Datasheet HTML 7Page - OSRAM GmbH LBQ39G Datasheet HTML 8Page - OSRAM GmbH LBQ39G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2015-09-01
1
2015-09-01
CHIPLED 0603
Datasheet
Version 1.4
LB Q39G
Features:
Besondere Merkmale:
Package: SMT package 0603, colorless diffused
resin
Gehäusetyp: SMT Gehäuse 0603, farbloser
diffuser Verguss
Technology: InGaN
Technologie: InGaN
Viewing angle at 50 % IV: 170° (horizontal); 130°
(vertical)
Abstrahlwinkel bei 50 % IV: 170° (horizontal);
130° (vertical)
Color: blue (470 nm)
Farbe: blau (470 nm)
ESD - withstand voltage: up to 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM)
ESD - Festigkeit: bis 2 kV nach
ANSI/ESDA/JEDEC JS-001 (HBM)
Applications
Anwendungen
LCD Backlighting
LCD Beleuchtung
Toys
Spielsachen
Signal and Symbol Luminary
Signal- und Symbolleuchten
Optical Indicator
Optischer Indikator
Pushbuttons and Switches
Schalter und Taster


Similar Part No. - LBQ39G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
More results

Similar Description - LBQ39G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBQ39E-N1OO-35-1 OSRAM-LBQ39E-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
LCD Backlighting
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
LCD Backlighting
KWDPLS31.SB OSRAM-KWDPLS31.SB Datasheet
778Kb / 24P
LCD Backlighting
LYCN5M OSRAM-LYCN5M Datasheet
3Mb / 21P
LCD Backlighting
LDCN5M OSRAM-LDCN5M Datasheet
973Kb / 21P
LCD Backlighting
KWDPLS31.MB OSRAM-KWDPLS31.MB Datasheet
778Kb / 25P
LCD Backlighting
LTQ39E OSRAM-LTQ39E Datasheet
1Mb / 21P
LCD Backlighting
LWL28G OSRAM-LWL28G_15 Datasheet
576Kb / 23P
LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com