Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCEUN.CE Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWCEUN.CE
Description  AFS Headlamp Systems
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCEUN.CE Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWCEUN.CE Datasheet HTML 1Page - OSRAM GmbH LUWCEUN.CE Datasheet HTML 2Page - OSRAM GmbH LUWCEUN.CE Datasheet HTML 3Page - OSRAM GmbH LUWCEUN.CE Datasheet HTML 4Page - OSRAM GmbH LUWCEUN.CE Datasheet HTML 5Page - OSRAM GmbH LUWCEUN.CE Datasheet HTML 6Page - OSRAM GmbH LUWCEUN.CE Datasheet HTML 7Page - OSRAM GmbH LUWCEUN.CE Datasheet HTML 8Page - OSRAM GmbH LUWCEUN.CE Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2016-04-27
1
2016-04-27
OSLON Compact CM
Datasheet
Version 1.2 - OS-PCN-2015-013-A
LUW CEUN.CE
Compact light source with a typical luminous flux of
100 lm at 350 mA and an operation range of 50 mA up
to 700 mA
Kompakte Lichtquelle mit einem typischen Lichtstrom
von 100 lm bei 350 mA und einer Betriebsweite
zwischen 50 mA und 700 mA
Features:
Besondere Merkmale:
•
Package: Ceramic package
•
Gehäusetyp: Keramikgehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: acc. to white area ECE/SAE
•
Farbe: gemäß Weißfeld ECE/SAE
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
•
AFS Headlamp Systems
•
AFS Scheinwerferanwendungen
•
Day time running light
•
Tagfahrlicht


Similar Part No. - LUWCEUN.CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCEUN.CE-7K6L-HNJN-1 OSRAM-LUWCEUN.CE-7K6L-HNJN-1 Datasheet
764Kb / 23P
Ceramic package
More results

Similar Description - LUWCEUN.CE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWU1A501 OSRAM-LEUWU1A501 Datasheet
2Mb / 18P
OSRAM OSTAR Headlamp Pro
LUWHWQP OSRAM-LUWHWQP Datasheet
861Kb / 24P
Automotive Headlamp
LUWCEUP.CE OSRAM-LUWCEUP.CE Datasheet
805Kb / 23P
AFS Headlamp Systems
KWHJL531.TE OSRAM-KWHJL531.TE Datasheet
885Kb / 24P
Automotive Headlamp
KWHKL531.TE OSRAM-KWHKL531.TE Datasheet
914Kb / 24P
Automotive Headlamp
KWHLL531.TE OSRAM-KWHLL531.TE Datasheet
940Kb / 24P
Automotive Headlamp
logo
PHOENIX CONTACT
1408533 PHOENIX-1408533 Datasheet
54Kb / 2P
Panel mounting base - HC-MOD-K-AFS-PE
1408559 PHOENIX-1408559 Datasheet
52Kb / 2P
Panel mounting base - HC-MOD-K-AFS-OPE
logo
Banner Engineering Corp...
QT50R-AFS BANNER-QT50R-AFS Datasheet
570Kb / 7P
R-GAGE짰 QT50R-AFS Sensor
logo
Littelfuse
72100 LITTELFUSE-72100 Datasheet
357Kb / 1P
HEADLAMP PUSH PULL SWITCHES
2019 Rev: 021119
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com