Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCN7M Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWCN7M
Description  Day time running light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCN7M Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWCN7M Datasheet HTML 1Page - OSRAM GmbH LUWCN7M Datasheet HTML 2Page - OSRAM GmbH LUWCN7M Datasheet HTML 3Page - OSRAM GmbH LUWCN7M Datasheet HTML 4Page - OSRAM GmbH LUWCN7M Datasheet HTML 5Page - OSRAM GmbH LUWCN7M Datasheet HTML 6Page - OSRAM GmbH LUWCN7M Datasheet HTML 7Page - OSRAM GmbH LUWCN7M Datasheet HTML 8Page - OSRAM GmbH LUWCN7M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2017-09-11
1
2017-09-11
OSLON SX ECE
Datasheet
Version 1.6
LUW CN7M
Features:
Besondere Merkmale:
Package: SMD ceramic package with silicone lens
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonlinse
Technology: ThinGaN
Technologie: ThinGaN
Viewing angle at 50 % IV: 90°
Abstrahlwinkel bei 50 % IV: 90°
Color: Cx = 0.32, Cy = 0.32 acc. to CIE 1931
(ultra white); CTR = 6500 K
Farbe: Cx = 0.32, Cy = 0.32 nach CIE 1931
(ultra weiß); CTR = 6500 K
Optical efficiency (typ.): 61 lm/W (ultra white)
Optischer Wirkungsgrad (typ.): 61 lm/W
(ultra weiß)
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
Day time running light
Tagfahrlicht
Headup Display
Headup Display
LCD Backlighting
LCD Beleuchtung
Automotive Interior Lighting
Automobilbeleuchtung innen
Dashboard Backlighting
Instrumentenbeleuchtung


Similar Part No. - LUWCN7M

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
Day time running light
More results

Similar Description - LUWCN7M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
Sample Program (24-Number Time-of-Day Clock)
logo
Dialight Corporation
TB1-7401-101 DIALIGHT-TB1-7401-101 Datasheet
113Kb / 1P
CONFIRMATION LIGHT FOR PRE-EMPTION / RED LIGHT RUNNING
logo
OSRAM GmbH
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
LED daytime running light
LEDDRL401BK12 OSRAM-LEDDRL401BK12 Datasheet
118Kb / 3P
LED daytime running light
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
Day time running light
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
Day time running light
LUWCN7N OSRAM-LUWCN7N Datasheet
746Kb / 23P
Day time running light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com