Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCN7N Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LUWCN7N
Description  Day time running light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCN7N Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LUWCN7N Datasheet HTML 8Page - OSRAM GmbH LUWCN7N Datasheet HTML 9Page - OSRAM GmbH LUWCN7N Datasheet HTML 10Page - OSRAM GmbH LUWCN7N Datasheet HTML 11Page - OSRAM GmbH LUWCN7N Datasheet HTML 12Page - OSRAM GmbH LUWCN7N Datasheet HTML 13Page - OSRAM GmbH LUWCN7N Datasheet HTML 14Page - OSRAM GmbH LUWCN7N Datasheet HTML 15Page - OSRAM GmbH LUWCN7N Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2017-09-11
12
Version 1.8
LUW CN7N
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 85 °C
0
0
˚C
T
IF
mA
OHL04210
S
100
200
300
400
500
600
20
40
60
80 100
140
10
10
0.40
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04211
T
t
P
IF
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
1.05
0.05
0.33
0.5
1
0.2
0.1
0.005
0.02
0.01
D =
10
10
0.40
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04212
T
t
P
IF
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
1.05
0.05
0.33
0.5
1
0.2
0.1
0.005
0.02
0.01
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com