Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC761BN Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P87LPC761BN
Description  Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC761BN Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P87LPC761BN Datasheet HTML 9Page - NXP Semiconductors P87LPC761BN Datasheet HTML 10Page - NXP Semiconductors P87LPC761BN Datasheet HTML 11Page - NXP Semiconductors P87LPC761BN Datasheet HTML 12Page - NXP Semiconductors P87LPC761BN Datasheet HTML 13Page - NXP Semiconductors P87LPC761BN Datasheet HTML 14Page - NXP Semiconductors P87LPC761BN Datasheet HTML 15Page - NXP Semiconductors P87LPC761BN Datasheet HTML 16Page - NXP Semiconductors P87LPC761BN Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Philips Semiconductors
Preliminary data
P87LPC761
Low power, low price, low pin count (16 pin)
microcontroller with 2 kbyte OTP
2002 Mar 07
10
SU01567
+
–
(P0.4) CIN1A
COMPARATOR 1
(P0.3) CIN1B
CO1
OE1
(P0.5) CMPREF
+
–
COMPARATOR 2
(P0.1) CIN2B
CO2
OE2
CP1
CN1
CN2
CMP2 (P0.0)
CMP1 (P0.6)
CHANGE DETECT
CMF1
INTERRUPT
CHANGE DETECT
CMF2
INTERRUPT
Vref
CP21
1. Bit CP2 must be set to 1 to enable CIN2B.
Figure 3. Comparator Input and Output Connections
Vref (1.23V)
Vref (1.23V)
Vref (1.23V)
SU01568
+
–
CIN1A
CMPREF
CO1
CP1, CN1, OE1 = 0 0 0
+
–
CIN1A
CMPREF
CMP1
CO1
CP1, CN1, OE1 = 0 0 1
+
–
CIN1A
CMP1
CO1
CP1, CN1, OE1 = 0 1 1
+
–
CINnB
CMPREF
CMPn
COn
CPn, CNn, OEn = 1 0 1
+
–
CINnB
CMPn
COn
CPn, CNn, OEn = 1 1 1
CP1, CN1, OE1 = 0 1 0
CPn, CNn, OEn = 1 0 0
CPn, CNn, OEn = 1 1 0
+
–
CIN1A
Vref (1.23V)
CO1
+
–
CINnB
CMPREF
COn
+
–
CINnB
COn
Figure 4. Comparator Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com