Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSP
Description  Thick Film Resistor Networks, Single-In-Line, Molded SIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP Datasheet(HTML) 2 Page - Vishay Siliconix

  MSP Datasheet HTML 1Page - Vishay Siliconix MSP Datasheet HTML 2Page - Vishay Siliconix MSP Datasheet HTML 3Page - Vishay Siliconix MSP Datasheet HTML 4Page - Vishay Siliconix MSP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSP
www.vishay.com
Vishay Dale
Revision: 13-Feb-15
2
Document Number: 31510
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
Note
• For additional impedance codes, refer to the Dual Terminator Impedance Code Table document (www.vishay.com/doc?31530).
GLOBAL MODEL
A (Max.)
B
C
D (Max.)
MSP06
0.590 (14.99)
0.500 (12.70)
5
MSPxxA = 0.195 (4.95)
MSPxxC = 0.350 (8.89)
MSP08
0.790 (20.07)
0.700 (17.78)
7
MSP10
0.990 (25.15)
0.900 (22.86)
9
MSP09
0.890 (22.61)
0.800 (20.32)
8
0.195 (4.95) only
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MSP SERIES
Package Power Rating
Maximum at +25 °C and +70 °C
See Derating Curves
Voltage Coefficient of Resistance
Veff
< 50 ppm typical
Dielectric Strength
VAC
200
Isolation Resistance (03 Schematic)
> 100 M
Operating Temperature Range
°C
-55 to +125
Storage Temperature Range
°C
-55 to +150
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents
Permanency testing per MIL-STD-202, Method 215
Solderability
Per MIL-STD-202, Method 208E, RMA flux
Body
Molded epoxy
Terminals
Copper alloy, solder plated
Weight
MSP06A = 0.4 g
MSP08A = 0.5 g
MSP09A = 0.55 g
MSP10A = 0.6 g
MSP06C = 0.7 g
MSP08C = 0.9 g
MSP10C = 1.1 g
IMPEDANCE CODES
CODE
R1 ()
R2 ()CODE
R1 ()
R2 ()
500B
82
130
141A
270
270
750B
120
200
181A
330
390
800C
130
210
191A
330
470
990A
160
260
221B
330
680
101C
180
240
281B
560
560
111C
180
270
381B
560
1.2K
121B
180
390
501C
620
2.7K
121C
220
270
102A
1.5K
3.3K
131A
220
330
202B
3K
6.2K
A
Max.
D Max.
0.135 + 0.015
- 0.010
(3.43 + 0.381
- 0.254)
B
C Equal Space
0.016 ± 0.003
(0.406 ± 0.076)
0.100 ± 0.010
(2.54 ± 0.254)
Non-Accumulative
0.040 ± 0.010
(1.02 ± 0.254)
0.015
(0.381)
Min.
Pin #1
0.012 ± 0.003
(0.305 ± 0.076)
0.090 (2.29)
Max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com