Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MTR
Description  Wire Bondable Thin Film Multi-Tap Resistor Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTR Datasheet(HTML) 2 Page - Vishay Siliconix

  MTR Datasheet HTML 1Page - Vishay Siliconix MTR Datasheet HTML 2Page - Vishay Siliconix MTR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MTR
www.vishay.com
Vishay Electro-Films
Revision: 18-Apr-13
2
Document Number: 61045
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
Chip Size
0.030" x 0.030" ± 0.003" (0.762 mm x 0.762 mm ± 0.076 mm)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor Material
Tantalum nitride, self-passivating
Bonding Pads
0.004" x 0.004" (0.10 mm x 0.10 mm)
Number of Top Pads
13
Pad Material
10 kÅ minimum aluminum
Backing
None, lapped semiconductor silicon
GLOBAL PART NUMBER INFORMATION
Global Part Number: MTR24001KAKANHWS
Global Part Number Description: MTR 24K 10 %, format A, 100 ppm/°C, Al pads, no back metal, class H, WS
MODEL
RESISTANCE
RESISTANCE
MULTILPLIER
CODE
TOL.
CODE
(%)
FORMAT
TCR
(ppm/°C)
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
MTR
First 4 digits
are significant
figures of
resistance
A = 0.1
0 = 1
1 = 10
2 = 100
J = 5.0
K = 10
M = 20
L = 25
A = Form A
B = Form B
K = ± 100
M = ± 250
R = 0/- 250
G = Gold
A = Aluminum
G = Gold
N = None
H = Class H
K = Class K
WS =
Waffle pack
100 min,
1 mult
Historical Part Number: WMTR05024001K (will continue to be accepted)
0.030
0.004
0.004
0.030
Format B
0.030
0.004
0.030
0.004
Format A
R
R
R
R
5
R
13
1
R
T = 40
R
5
R
5
R
5
R
5
R
5
R
R
001
K
K
A
N
A
2
HW
R
MT
4
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com