Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTLP300PWS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MTLP300PWS
Description  Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTLP300PWS Datasheet(HTML) 2 Page - Vishay Siliconix

  MTLP300PWS Datasheet HTML 1Page - Vishay Siliconix MTLP300PWS Datasheet HTML 2Page - Vishay Siliconix MTLP300PWS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MTLP
www.vishay.com
Vishay Electro-Films
Revision: 16-Nov-17
2
Document Number: 61097
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Substrate Thickness
10 mils ± 1 mils (as-fied) ± 0.5 mils (polished)
Substrate Material
Alumina 99.6 %
Metallization
TiW (750 ± 250 Å)/Au (120 μ" min.)
Micro-strip Line Width
10 mils ± 0.1 mils
Available Line Lengths
0.010" to 0.0500"
ORDERING INFORMATION
MTLP 300 P WS - 0.30" mil long transmission line on polished Alumina
MODEL
LENGTH
SURFACE FINISH
PACKAGING CODE
MTLP
Micro-strip transmission line with tuning pads
XXX
010
015
020
055
090
300
F = As-fired
P = Polished
WS = 100 mult, 1 min.
waffle pack



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com