Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP08C01KFEJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MSP08C01KFEJ
Description  Thick Film Resistor Networks, Single-In-Line, Molded SIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP08C01KFEJ Datasheet(HTML) 4 Page - Vishay Siliconix

  MSP08C01KFEJ Datasheet HTML 1Page - Vishay Siliconix MSP08C01KFEJ Datasheet HTML 2Page - Vishay Siliconix MSP08C01KFEJ Datasheet HTML 3Page - Vishay Siliconix MSP08C01KFEJ Datasheet HTML 4Page - Vishay Siliconix MSP08C01KFEJ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSP
www.vishay.com
Vishay Dale
Revision: 13-Feb-15
4
Document Number: 31510
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Higher power ratings available. Contact factory.
“A” PROFILE +70 °C PACKAGE RATINGS
MSP10A
1.25 W
MSP09A
1.12 W
MSP08A
1.00 W
MSP06A
0.75 W
“C” PROFILE +70 °C PACKAGE RATINGS
MSP10C
1.60 W
MSP08C
1.30 W
MSP06C
1.00 W
PERFORMANCE
TEST
CONDITIONS
MAX.
R
(TYPICAL TEST LOTS)
Power Conditioning
1.5 x rated power, applied 1.5 h “ON” and 0.5 h “OFF”
for 100 h ± 4 h at +25 °C ambient temperature
± 0.50 %
R
Thermal Shock
5 cycles between -65 °C and +125 °C
± 0.50 %
R
Short Time Overload
2.5 x rated working voltage 5 s
± 0.25 %
R
Low Temperature Operation
45 min at full rated working voltage at -65 °C
± 0.25 %
R
Moisture Resistance
240 h with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
R
Resistance to Soldering Heat
Leads immersed in +260 °C solder to within 1/16" of device body for 10 s
± 0.25 %
R
Shock
Total of 18 shocks at 100 g’s
± 0.25 %
R
Vibration
12 h at maximum of 20 g’s between 10 Hz and 2000 Hz
± 0.25 %
R
Load Life
1000 h at +70 °C, rated power applied 1.5 h “ON”, 0.5 h “OFF”
for full 1000 h period. Derated according to the curve.
± 1.00 %
R
Terminal Strength
4.5 pound pull for 30 s
± 0.25 %
R
Insulation Resistance
10 000 M
 (minimum)
-
Dielectric Withstanding Voltage
-
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com