Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE30PAC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PE30PAC
Description  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30PAC Datasheet(HTML) 2 Page - Vishay Siliconix

  PE30PAC Datasheet HTML 1Page - Vishay Siliconix PE30PAC Datasheet HTML 2Page - Vishay Siliconix PE30PAC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
101
PE30
Vishay Sfernice
Document Number: 51037
Revision 19-Jul-02
For technical questions, contact sfer@vishay.com
PANEL SEALED VERSION
PE30P - PE30PE
PE : including locating peg
PE30
DBAN SHAFT LOCKING
PE30 LPRP - WITH LOCATING PEG
Tolerance unless otherwise specified ± 0.5
DIMENSIONS in millimeters
CIRCUIT DIAGRAM
a
c
b
cw
(2)
(3)
(1)
8
Ø 19.7
20 max
11.5
12
14 wrench
Thread M10 x 0.75
Ø 6
AC = 16
AM = 25
AL = 50
76°
0.5
2.85
3
b
a
c
R =
5.2
14 wrench
12 wrench
6.5
15
3
12.5
Ø 2
9.2
3
0.8
Flats located
1.5
Ø 1.2
8 ± 0.2
Ø 10.5
Ø 19.7
23 max
15
0.7
9
Thread M10 x 0.75
Flats located
slot 1 x 1.8 deep
Ø 6
AL = 47 ± 0.8
AM = 22 ± 0.8
AC = 13 ± 0.8
Sealing ring
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
SPECIAL FEATURES
COMMAND SHAFT
Length is measured from the mounting surface to the free
end of the shaft. The screwdriver slot is aligned with the
wiper within ±10°. Special shafts are available, in accordance
to drawings supplied by customers. We recommend that cus-
tomers should not machine shafts, in order to avoid damage.
Bending or torsion of terminals should also be avoided.
PANEL SEALING : PE30 P
The panel sealing device consists of a ring located in a slot
on the potentiometer face. Sealing is obtained by tightening
the ring against the panel when mounting the potentiometer.
LINEARITY
The typical linearity of linear variation law potentiometers
is ±5%. Guaranteed linearity on request. Consult VISHAY.
SHAFT LOCKING : DBAN
The shaft locking device consists of a tapered
nut tightening a slotted notched washer against
both bushing and shaft. DBAN tightening torque
is 200 Ncm, shaft locking torque being 30 Ncm.
DBAN
is
also
available
with
all
special
types.
This device is normally supplied in a separate bag. Can be
pre-mounted on request.
LOCATING PEG : LPRP
Location is obtained by fitting a special washer in
2 holes drilled at 180° in the potentiometer face.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com