Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1LIN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD1LIN
Description  LIN bus ESD protection diode in SOD323
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD1LIN Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD1LIN Datasheet HTML 1Page - NXP Semiconductors PESD1LIN Datasheet HTML 2Page - NXP Semiconductors PESD1LIN Datasheet HTML 3Page - NXP Semiconductors PESD1LIN Datasheet HTML 4Page - NXP Semiconductors PESD1LIN Datasheet HTML 5Page - NXP Semiconductors PESD1LIN Datasheet HTML 6Page - NXP Semiconductors PESD1LIN Datasheet HTML 7Page - NXP Semiconductors PESD1LIN Datasheet HTML 8Page - NXP Semiconductors PESD1LIN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PESD1LIN in very small SOD323 (SC-76) SMD plastic package designed to protect one
automotive LIN bus line from the damage caused by ElectroStatic Discharge (ESD) and
other transients.
1.2 Features
s ESD protection of one automotive LIN bus line
s Asymmetrical diode configuration ensures an optimized Electromagnetical Immunity of
a LIN Electronic Control Unit (ECU)
s Due to the integrated diode structure only one very small SOD323 package is needed
s Max. peak pulse power: PPP = 160 W at tp = 8/20 µs
s Low clamping voltage: V(CL)R = 40 V at IPP = 1 A
s Ultra low leakage current: IRM < 1 nA
s ESD protection of up to 23 kV
s IEC 61000-4-2, level 4 (ESD)
s IEC 61000-4-5 (surge); IPP = 3 A at tp = 8/20 µs
1.3 Applications
s LIN bus protection
s Automotive applications
1.4 Quick reference data
PESD1LIN
LIN bus ESD protection diode in SOD323
Rev. 01 — 26 October 2004
Product data sheet
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse stand-off voltage
PESD1LIN (15 V)
-
-
15
V
PESD1LIN (24 V)
-
-
24
V
Cd
diode capacitance
VR = 0 V;
f = 1 MHz
-
1317pF


Similar Part No. - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD1LIN NXP-PESD1LIN Datasheet
205Kb / 12P
LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Rectron Semiconductor
PESD1LIN RECTRON-PESD1LIN Datasheet
320Kb / 9P
ESD protection diode
logo
Nexperia B.V. All right...
PESD1LIN NEXPERIA-PESD1LIN Datasheet
899Kb / 12P
LIN-bus ESD protection diode
Rev. 3 - 31 May 2011
More results

Similar Description - PESD1LIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1CAN PHILIPS-PESD1CAN Datasheet
84Kb / 12P
CAN bus ESD protection diode in SOT23
Rev. 01-25 January 2005
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD1LIN NXP-PESD1LIN_11 Datasheet
205Kb / 12P
LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD24VL1BA-Q NEXPERIA-PESD24VL1BA-Q Datasheet
225Kb / 11P
Low capacitance bidirectional ESD protection diode in SOD323
5 May 2022
logo
TECH PUBLIC Electronics...
ESDLIN1524BJ TECHPUBLIC-ESDLIN1524BJ Datasheet
1Mb / 4P
LIN-bus ESD protection diode
logo
Nexperia B.V. All right...
PESD1LIN NEXPERIA-PESD1LIN Datasheet
899Kb / 12P
LIN-bus ESD protection diode
Rev. 3 - 31 May 2011
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
logo
UN Semiconducctor INC
UESD1LIN UNSEMI-UESD1LIN Datasheet
914Kb / 4P
LIN- bus ESD Protection Diode
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com