Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP15DU Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP15DU
Description  15W 2.5KV isolated 100-1000VDC super wide input voltage DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15DU Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP15DU Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15DU Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15DU Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP15DU series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 / 3
RIPPLE&NOISE TESTING METHODS
PRODUCT CHARACTERISTICS CURVE
接示波器探头
PRODUCT SCHEMATICS
EMI
FILTER
POWER
SWITCHING
RECTIFIES
&
FILTER
+Vin
-Vin
+Vo1
-Vo1
POWER
CONTROL
DETECTION
CIRCUIT
RECTIFIES
&
FILTER
+Vo2
-Vo2
TYPICAL APPLICATION DIAGRAM
-Vin
C6
C5
RL1
+
C1
D1
C4
+
C2
C3
C8
C7
RL2
+
D2
图
1
Notes:
1.
Output filter capacitor C5, C7 for the electrolytic capacitor(recommended to use high frequency and low resistance electrolytic capacitor) Please refer to the technical
specifications provided by each manufacturer for the capacity and current flowing。Capacitor voltage drerating more than 80%。C6, C8 is to remove high-frequency
noise。D1, D2 for the TVS tube to protect the circuit after the stage (when the module is abnormal) is recommended
2.
In the general application, Its not mandatory to use the common-mode inductance within the dashed box;
You can use this common-mode inductance meet the higher EMC requirements. Can also be used for three-phase four-wire power input
3.
For technical support, please contact our engineers
TYPICAL VALUES OF EXTERNAL CIRCUIT COMPONENTS
Some input component
Some output component
PN
FUSE
C1
C2,C3
C4
C5
C6
C7
C8
D1
D2
TP15DU600D12/15
10Ω/3W
Insurance
resistance
0.1uF/1
200V
0.047uF/12
00V
1uF/12
00v
47uF/35
V
0.1uF/50V
100uF/16V
0.1uF/50V
P6KE20A
P6KE20A
TP15DU600S05
470
P6KE6.8A
TP15DU600S12
220
P6KE20A
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com