Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE30PAM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PE30PAM
Description  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30PAM Datasheet(HTML) 3 Page - Vishay Siliconix

  PE30PAM Datasheet HTML 1Page - Vishay Siliconix PE30PAM Datasheet HTML 2Page - Vishay Siliconix PE30PAM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 51037
Revision 19-Jul-02
www.vishay.com
102
PE30
Vishay Sfernice
For technical questions, contact sfer@vishay.com
MARKING
VISHAY trademark, series, NF types if applicable, ohmic
value (in
Ω, kΩ, MΩ), tolerance (in %), manufacturing
date,
marking
of
terminals
1,
2,
3
or
a,
b,
c.
* PE Panel sealing with locating peg (former designation E108)
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
NF C 83-253
Load Life
Climatic Sequence
Long Term Damp Heat
Rapid Temperature Change
Vibration
Shock
Rotational Life
1000 h at rated power
90'/30' - ambient temp. 70°C
56 days
± 10%
Insulation resist. > 100M
Ω
± 0.5%
± 1%
Insulation resist. > 10
4M
Ω
5 cycles – 55°C to + 125°C
10 - 55 Hz
0.75mm or 10 g
during 6 hours
50 g 11 ms
3 successive shocks
in 3 directions
± 2%
± 0.1%
± 0.2 %
25000 cycles
Phase A dry heat 125°C
Phase B damp heat
Phase C cold –55°C
Phase D damp heat 5 cycles
± 0.5%
± 1%
± 10%
± 10%
± 3%
± 0.5%
± 2%
± 0.1%
± 0.2 %
CONDITIONS
TESTS
TYPICAL VALUES AND DRIFTS
PERFORMANCE
REQUIREMENTS
∆RT
∆R1-2
RT
(%)
R1-2
(%)
∆RT
∆R1-2
RT
(%)
R1-2
(%)
± 10%
Contact res. variat.: < 7% Rn
± 10%
Contact res. variat.: < 7% Rn
± 3%
Contact res. variat.: < 2% Rn
± 1%
Contact res. variat.: < 3% Rn
SERIES
PE30
FEATURE
P
SHAFT LENGTH
AC
OHMIC VALUE
200 k
Ω
P
Panel sealing*
LPRP Locating peg
DBAN Shaft locking
AC
16 ± 0.5mm slotted
AM 25 ± 0.5mm slotted
AL
50 ± 0.5mm plain round
A linear
L clockwise logarithmic
F inverse clockwise
logarithmic
TOLERANCE
± 20% standard
± 10% on request
± 20%
LAW
A
ORDERING INFORMATION
BO10
PACKAGING
MAX.
POWER
AT +70°C
MAX.
WORKING
VOLTAGE
MAX.
WORKING
VOLTAGE
LOG LAWS
WW
VV
mA
mA
3
3
8.12
11.87
369
252
1.5
1.5
1.5
1.5
1.5
1.5
0.9
0.41
0.19
0.09
38.7
57.4
83.9
122
181.6
265
300
300
300
300
38.7
26.1
17.9
12.2
8.25
5.64
3
1.36
0.63
0.30
MAX. CUR.
THROUGH
ELEMENT
MAX. CUR.
THROUGH
ELEMENT
STANDARD
RESIS-
TANCE
VALUES
MAX.
POWER
AT +70°C
LINEAR LAW
22
47
100
220
470
1k
2.2k
4.7k
10k
22k
47k
100k
220k
470k
1M
2.2M
4.7M
10M
3
3
3
3
3
3
3
3
1.91
0.90
0.41
0.19
0.09
0.04
0.02
0.01
17.32
25.69
37.55
54.77
81.24
118.74
173.20
256.9
300
300
300
300
300
300
300
300
173
116
79
54
37
25
17
11
6.3
3
1.36
0.63
0.30
0.13
0.06
0.03
200
±100
ppm/°C
T.C.
–55°C
+125°C
STANDARD RESISTANCE ELEMENT DATA
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com