Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPHTK1002BT0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MPHTK1002BT0
Description  Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPHTK1002BT0 Datasheet(HTML) 2 Page - Vishay Siliconix

  MPHTK1002BT0 Datasheet HTML 1Page - Vishay Siliconix MPHTK1002BT0 Datasheet HTML 2Page - Vishay Siliconix MPHTK1002BT0 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MPH
www.vishay.com
Vishay Dale Thin Film
Revision: 20-Oct-11
2
Document Number: 60013
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches and millimeters
DIMENSION
INCHES
MILLIMETERS
A
0.155
3.937
B
0.080
2.032
C
0.225
5.715
D
0.025 (typical)
0.635
E
0.040
1.016
F
0.070
1.778
G
0.050
1.27
A
1
2
3
4
B
C
D
E
F
G
BOTTOM VIEW
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Alumina
Body
Ceramic
Terminals
Gold over nickel
Marking Resistance to Solvents
Per MIL-PRF-83401
Tin Lead Option
Sn63
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Tin Lead and Lead (Pb)-free
Hot solder dip
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPHK1003BUF
GLOBAL MODEL
(3 or 4 digits)
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
MPH
(Tin lead)
MPHT
(Lead (Pb)-free)
(e1)
E = 25 ppm/°C
H = 50 ppm/°C
K = 100 ppm/°C
First 3 digits are significant
figures and the last digit
specifies the number of
zeros to follow.
Example:
1001 = 1K
1002 = 10K
Abs. Tol.
A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel 2500
TS = 100 min., 1 mult
UF = TUBED
Historical Part Number example: MPHE1001B (for reference purposes only)
MPH
E
1001
B
SERIES
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
TK
1
0
3
A
U
0
H
F
MP
K1
0
3
B
U
0
H
F
MP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com