Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3305 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3305
Description  2-Bit Bus Switch with Individual Enables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3305 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3305 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3305 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3305 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PS8331C
01/11/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C3305
2-Bit Bus Switch with
Individual Enables
Switching Characteristics Over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller
than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the
bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the
load on the driven side.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Pe
r
u
t
a
r
e
p
m
e
T
L
5
0
3
3
C
5
I
P)
L
(
P
O
S
S
T
-
8
C
°
5
8
+
o
t
C
°
0
4
–
X
U
5
0
3
3
C
5
I
P)
U
(
P
O
S
M
-
8
OrderingInformation
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
)
1
(
5
0
3
3
C
5
I
P
s
t
i
n
U
V C
C
%
0
1
±
V
5
=V C
C
V
4
=
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
a
l
e
D
n
o
i
t
a
g
o
p
o
r
P
)
3
,
2
(
A
o
t
B
,
B
o
t
A
CL
F
p
0
5
=
RL
0
0
5
=
Ω
—5
2
.
05
2
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
e
l
b
a
n
E
s
u
B0
.
19
.
45
.
5
t Z
H
P
t Z
L
P
e
m
i
T
e
l
b
a
s
i
D
s
u
B0
.
12
.
45
.
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com