Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA123JS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA123JS
Description  NPN resistor-equipped transistors; R1 = 2.2 kOHM, R2 = 47 kOHM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA123JS Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA123JS Datasheet HTML 1Page - NXP Semiconductors PDTA123JS Datasheet HTML 2Page - NXP Semiconductors PDTA123JS Datasheet HTML 3Page - NXP Semiconductors PDTA123JS Datasheet HTML 4Page - NXP Semiconductors PDTA123JS Datasheet HTML 5Page - NXP Semiconductors PDTA123JS Datasheet HTML 6Page - NXP Semiconductors PDTA123JS Datasheet HTML 7Page - NXP Semiconductors PDTA123JS Datasheet HTML 8Page - NXP Semiconductors PDTA123JS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product specification
Supersedes data of 2003 Apr 10
2004 Aug 13
DISCRETE SEMICONDUCTORS
PDTC123J series
NPN resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 47 kΩ


Similar Part No. - PDTA123JS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123JS NXP-PDTA123JS Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
More results

Similar Description - PDTA123JS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD48 PHILIPS-PEMD48 Datasheet
68Kb / 12P
NPN/PNP resistor-equipped transistors; R1, R2 = 47 kohm, 47 kohm and 2.2 kohm, 47 kohm
2001 Nov 07
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMH10 PHILIPS-PEMH10 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Oct 22
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PEMH2 PHILIPS-PEMH2 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 47 kohm, R2 = 47 kohm
2001 Oct 22
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PUMH10 PHILIPS-PUMH10 Datasheet
54Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2003 Oct 20
PDTC124X PHILIPS-PDTC124X Datasheet
83Kb / 12P
NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com