Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3306 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C3306
Description  2-Bit Bus Switch with Active Low Enables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3306 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C3306 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3306 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3306 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PS8144C
01/11/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C3306
2-Bit Bus Switch with Active Low Enables
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ
Units
CIN
Input Capacitance
VIN =0V
3
pF
COFF
A/B Capacitance, Switch Off
VIN =0V
5
pF
CON
A/B Capacitance, Switch On
VIN = 0V
10
pF
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
µA
IOZH
High Impedance Output Current
0
≤A, B ≤VCC
±1
µA
IOZL
Low Impedance Output Current
0
≤A, B ≤VCC
±1
mA
VH
Input Hysteresis at Control Pins
300
mV
RON
Switch On Resistance(3)
VCC =4.5V,VIN =0.0V,ION =30mAor64mA
5
7
Ω
VCC=4.5V,VIN=2.4V,ION=15mA
10
15
Storage Temperature .......................................................... –65°C to +150°C
Ambient Temperature with Power Applied ..........................–40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) . –0.5V to +7.0V
DC Input Voltage ................................................................... –0.5V to +7.0V
DC Output Current ............................................................................ 120mA
Power Dissipation ................................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to
absolute maximum rating conditions for extended
periods may affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined
by the lower of the voltages on the two (A, B) pins.
4. This parameter is determined by device characterization but is not production tested.
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC =Max.
VIN = GND or VCC
0.1
3.0
µA
∆ICC
Supply Current per Input @ TTL HIGH
VCC =Max.
VIN =3.4V
(3)
2.5
mA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 4V to 5.5V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com