Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA10930 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10930
Description  Boom RefAssy
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10930 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10930 Datasheet HTML 1Page - Ledil, Inc. CA10930 Datasheet HTML 2Page - Ledil, Inc. CA10930 Datasheet HTML 3Page - Ledil, Inc. CA10930 Datasheet HTML 4Page - Ledil, Inc. CA10930 Datasheet HTML 5Page - Ledil, Inc. CA10930 Datasheet HTML 6Page - Ledil, Inc. CA10930 Datasheet HTML 7Page - Ledil, Inc. CA10930 Datasheet HTML 8Page - Ledil, Inc. CA10930 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Boom series
last update 8/1/2018
DETAILS
Product Number
CA10715_BOOM-S
Family
Boom
Type
RefAssy
Color
metal
Diameter
22,2 mm
Height
14,34 mm
Style
hexag
Optic Material
Holder Material
Fastening
glue, tape
Status
production ready
ROHS Compliant
Yes
Date Updated
8/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MHD-E/G
32 deg
Spot
87 %
1.400
-
MHB-A/B
23 deg
Spot
87 %
2.240
-
NFMW48xA
25 deg
Spot
86 %
2.100
-
Duris S10
35 deg
Spot
82 %
1.600
-
OSCONIQ P 7070
sim: 25
Spot
sim: 86 % sim: 2.000 -
P7
17 deg
Spot
-
3.080
-
January 24th 2018 2:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA10930

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10930 CREE-CA10930 Datasheet
745Kb / 13P
Boom series
logo
Ledil, Inc.
CA10930 LEDIL-CA10930 Datasheet
745Kb / 13P
CA10930_BOOM-M
CA10930-BOOM-M LEDIL-CA10930-BOOM-M Datasheet
745Kb / 13P
Boom series
More results

Similar Description - CA10930

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FB-3225 ETC1-FB-3225 Datasheet
83Kb / 2P
Boom microphone
logo
Knowles Electronics
FB-23511-000 KNOWLES-FB-23511-000 Datasheet
160Kb / 2P
BOOM MICROPHONE
FB-25624-000 KNOWLES-FB-25624-000 Datasheet
148Kb / 2P
BOOM MICROPHONE
PNR-23539-000 KNOWLES-PNR-23539-000 Datasheet
157Kb / 2P
BOOM MICROPHONE
logo
Cree, Inc
CA10716 CREE-CA10716 Datasheet
291Kb / 5P
Boom series
CA10715 CREE-CA10715 Datasheet
452Kb / 9P
Boom series
logo
Ledil, Inc.
CA10715-BOOM-S LEDIL-CA10715-BOOM-S Datasheet
452Kb / 9P
Boom series
logo
Knowles Electronics
FB-DO-23511-000 KNOWLES-FB-DO-23511-000 Datasheet
119Kb / 2P
BOOM MICROPHONE
FB-DW-30296-000 KNOWLES-FB-DW-30296-000 Datasheet
121Kb / 2P
BOOM MICROPHONE
FB-FO-25581-000 KNOWLES-FB-FO-25581-000 Datasheet
128Kb / 2P
BOOM MICROPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com