Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS14839 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS14839
Description  HighBay Assembly
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS14839 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS14839 Datasheet HTML 1Page - Ledil, Inc. CS14839 Datasheet HTML 2Page - Ledil, Inc. CS14839 Datasheet HTML 3Page - Ledil, Inc. CS14839 Datasheet HTML 4Page - Ledil, Inc. CS14839 Datasheet HTML 5Page - Ledil, Inc. CS14839 Datasheet HTML 6Page - Ledil, Inc. CS14839 Datasheet HTML 7Page - Ledil, Inc. CS14839 Datasheet HTML 8Page - Ledil, Inc. CS14839 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRODUCT DATASHEET
HighBay series
last update 31/5/2017
DETAILS
Product Number
CS14839_HB-2X2MX-WWW
Family
HighBay
Type
Assembly
Color
clear
Diameter
90x90 mm
Height
16,38 mm
Style
square
Optic Material
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
31/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
sim: 78
WWW-class sim: 94 % sim: 0.580 -
PSL440
73 deg
WWW-class 92 %
0.614
-
PSL445
73 deg
WWW-class 94 %
0.580
-
XHP70
77 deg
WWW-class 93 %
0.550
-
XHP35 HD
76 deg
WWW-class 93 %
0.530
-
XHP35 HI
73 deg
WWW-class 93 %
0.560
-
XHP50
73 deg
WWW-class 93 %
0.570
-
XHP50.2
sim: 87
WWW-class sim: 94 % sim: 0.460 -
H70E0
77 deg
WWW-class 93 %
0.530
-
LUXEON M/MX
78 deg
WWW-class 93 %
0.560
-
LUXEON MZ
71 deg
WWW-class 75 %
0.520
-
LUXEON XR-M square 2x2
78 deg
WWW-class 94 %
0.570
-
NFMW48xA
sim: 77
WWW-class sim: 93 % sim: 0.580 -
OSCONIQ P 7070
sim: 78
WWW-class sim: 92 % sim: 0.572 -
Duris S10
66 deg
WWW-class 94 %
0.700
-
January 24th 2018 2:19 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS14839

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CS14839 CREE-CS14839 Datasheet
1Mb / 26P
HighBay series
More results

Similar Description - CS14839

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12345 CREE-C12345 Datasheet
1,016Kb / 17P
HighBay series
C13490 CREE-C13490 Datasheet
89Kb / 3P
HighBay series
CS14891 CREE-CS14891 Datasheet
1Mb / 33P
HighBay series
logo
Ledil, Inc.
CS14713 LEDIL-CS14713 Datasheet
1Mb / 26P
HighBay Assembly
CS14130 LEDIL-CS14130 Datasheet
3Mb / 66P
HighBay Assembly
CS14263 LEDIL-CS14263 Datasheet
3Mb / 60P
HighBay Assembly
CS14597 LEDIL-CS14597 Datasheet
5Mb / 74P
HighBay Assembly
CS14891 LEDIL-CS14891 Datasheet
2Mb / 47P
HighBay Assembly
CS14895 LEDIL-CS14895 Datasheet
2Mb / 47P
HighBay Assembly
logo
OSRAM GmbH
GWCSSRM3.PM OSRAM-GWCSSRM3.PM Datasheet
1Mb / 27P
Highbay Industrial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com