Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13853 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # F13853
Description  Florence Lens array
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13853 Datasheet(HTML) 2 Page - Ledil, Inc.

  F13853 Datasheet HTML 1Page - Ledil, Inc. F13853 Datasheet HTML 2Page - Ledil, Inc. F13853 Datasheet HTML 3Page - Ledil, Inc. F13853 Datasheet HTML 4Page - Ledil, Inc. F13853 Datasheet HTML 5Page - Ledil, Inc. F13853 Datasheet HTML 6Page - Ledil, Inc. F13853 Datasheet HTML 7Page - Ledil, Inc. F13853 Datasheet HTML 8Page - Ledil, Inc. F13853 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
PRODUCT DATASHEET
Florence series
last update 24/2/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LM231 A/B
91 deg
WWW-class 88 %
0.414
-
LT-R286A
93 deg
WWW-class 93 %
0.410
-
LM561B Plus
92 deg
WWW-class 93 %
0.410
-
LM561C
92 deg
WWW-class 93 %
0.420
-
LM28xB Series
sim: 90
WWW-class sim: 93 % sim: 0.450 -
SEOUL 5630C
sim: 86
WWW-class sim: 85 % sim: 0.450 -
SEOUL 5630D
sim: 83
WWW-class sim: 84 % sim: 0.450 -
STARK LLE-55-280-1650 CLASSIC
93 deg
WWW-class 90 %
0.420
-
January 24th 2018 2:13 Copyright Ledil Oy - Subject to change without prior notice - Page 2/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com