Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MechanicalModel Datasheet(PDF) 1 Page - Ledil, Inc.

Part # MechanicalModel
Description  Florence Lens array
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

MechanicalModel Datasheet(HTML) 1 Page - Ledil, Inc.

  MechanicalModel Datasheet HTML 1Page - Ledil, Inc. MechanicalModel Datasheet HTML 2Page - Ledil, Inc. MechanicalModel Datasheet HTML 3Page - Ledil, Inc. MechanicalModel Datasheet HTML 4Page - Ledil, Inc. MechanicalModel Datasheet HTML 5Page - Ledil, Inc. MechanicalModel Datasheet HTML 6Page - Ledil, Inc. MechanicalModel Datasheet HTML 7Page - Ledil, Inc. MechanicalModel Datasheet HTML 8Page - Ledil, Inc. MechanicalModel Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
PRODUCT DATASHEET
Florence series
last update 24/2/2017
DETAILS
Product Number
F13853_FLORENCE-Z90
Family
Florence
Type
Lens array
Color
clear
Diameter
61 x 286 mm
Height
8,45 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
screw
Status
production ready
ROHS Compliant
Yes
Date Updated
24/02/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
5630 (ASMU-LWG0-NxxE)
92 deg
WWW-class 90 %
0.400
-
TRIDINO R3 8x0 1100 1ft HV
92 deg
WWW-class 87 %
0.410
-
XH-B/G
95 deg
WWW-class 82 %
0.370
-
LG 5630
93 deg
WWW-class 87 %
0.390
-
LG 6030
92 deg
WWW-class 88 %
0.410
-
LG 7030
sim: 91
WWW-class -
sim: 0.320 -
LUXEON 3535 2D
92 deg
WWW-class 87 %
0.410
-
LUXEON 3030 2D
91 deg
WWW-class 87 %
0.420
-
LUXEON XR-3535L (L202 - xxxx033C30001)
91 deg
WWW-class 93 %
0.430
-
LUXEON 3535L HE
92 deg
WWW-class 93 %
0.420
-
MP-2016
90 deg
WWW-class 91 %
0.420
-
NF2x757D
92 deg
WWW-class 90 %
0.430
-
NF2x757G
sim: 90
WWW-class sim: 80 % sim: 0.370 -
NVSxE21A
sim: 90
WWW-class sim: 94 % sim: 0.390 -
OSCONIQ P 2226
94 deg
WWW-class 83 %
0.370
-
Duris S5 (Single chip)
91 deg
WWW-class 88 %
0.410
-
Duris E5
92 deg
WWW-class 88 %
0.400
-
PLG2-BAR-1100-xxx-280x55-DC
92 deg
WWW-class 92 %
0.420
-
Duris S2
95 deg
WWW-class 90 %
0.350
-
Duris E 2835
sim: 85
WWW-class sim: 87 % sim: 0.460 -
Oslon Square Gen3
91 deg
WWW-class 93 %
0.420
-
Fortimo LED Line 1ft 650lm 8x0 3R xV2/xV3
93 deg
WWW-class 87 %
0.390
-
Fortimo LED Line 1ft 1100lm xx0 3R xV2/xV3
92 deg
WWW-class 88 %
0.400
-
Fortimo LED Line 1ft 2000lm 8xx 3R HV290 deg
WWW-class 93 %
0.430
-
LM561B
86 deg
WWW-class 85 %
0.420
-
January 24th 2018 2:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - MechanicalModel

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
MECHANICALCOMPACTSPDT NOSHOK-MECHANICALCOMPACTSPDT Datasheet
1Mb / 5P
Mechanical Compact SPDT
MECHANICALHEAVY-DUTYSPDT NOSHOK-MECHANICALHEAVY-DUTYSPDT Datasheet
823Kb / 4P
Mechanical Heavy-Duty SPDT
More results

Similar Description - MechanicalModel

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14454 LEDIL-C14454 Datasheet
2Mb / 41P
Florence Lens
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
C14642 LEDIL-C14642 Datasheet
2Mb / 51P
Florence Lens
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14170 LEDIL-F14170 Datasheet
4Mb / 58P
Florence Lens array
F14304 LEDIL-F14304 Datasheet
2Mb / 50P
Florence Lens
F15244 LEDIL-F15244 Datasheet
1Mb / 11P
Florence Lens array
F16007 LEDIL-F16007 Datasheet
1Mb / 12P
Florence Lens array
F16261 LEDIL-F16261 Datasheet
1Mb / 10P
Florence Lens array
F15069 LEDIL-F15069 Datasheet
1Mb / 25P
Florence Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com