Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 12 Page - TT Electronics.

Part # OVS5MBBCR4
Description  Robust energy-efficient design with long operating life
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Datasheet(HTML) 12 Page - TT Electronics.

Back Button OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 9Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 10Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 11Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 12Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 13Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
© TT electronics plc
Issue B
11/2016
Page 12
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVS5MxBCR4 Series
Issue
Change Description
Approval
Date
A
Initial Release—conforms to Dominant specifications:
Primax - 0.5 watt (150mA) V1.0 (dated 11-21-08)
Blue: 0.5 watt
Red: 0.3 W
Green: 0.5 watt
Amber: 0.3 W
White: 0.5 watt
Yellow: 0.3 W
Warm White: 0.5 watt
Per Factory spec dated 5-27-09, the following changes were made:
Page 1: Warm White Typ Luminous Flux (lm) changed from 18 to 25.
Page 3: Combined the White & Warm White Luminous Flux Min &
Max to read the same. Page 7: Replaced CCT graph with new one
(removed the MA & MB range). Removed the MA & MB Cx/Cy data.
Luminous Flux Table: removed M2 & M3. Added P2 & P3.
R. Bailey
06/10/09
A.1
Page 12: Removed the tape/reel configuration & 2k reel quantity.
Replaced with new drawing & correct 1k reel quantity.
K. Bland
8/20/09
A.2
Page 2: ABSOLUTE MAX RATINGS—Peak Pulsed Forward Current.
Removed “TBD” and added Red-Amber-Yellow @ 1000mA, Green-
Blue-White-WarmWhite @ 350ma
K. Bland
10/12/09
B
Master Page: Change Issue A.2 dated 10/09 to Issue B dated 03/2011.
Page 1: Updated all information tables. Page 2: Updated Absolute
Maximum table with new data & added ESD & MSL ratings. Replaced
all mechanical drawings & added Pin 1 & Pin 2 locations & Anode/
Cathode information. Page 3: Updated all Optical Electrical
Characteristics tables. Page 4 & 5: Removed Spectral Response graph.
Replaced IV & Wavelength tables with new tables; all fitting on one
page. Page 5: Added OVS5MWBCR4 (White) CCT bin structure with
Black Body Curve, replaced Chromaticity Coordinate table with new
one and updated Luminous Flux information. Page 6: Removed the
OVS5MWBCR4 charts and replaced with OVS5MWWBCR4 (Warm
White) CCT bin structure with Black Body Curve, replaced
Chromaticity Coordinate table with new one. Luminous Flux remained
the same. Page 7: Removed OVS5MWWBCR4 Warm White charts
and tables. Replaced with Graphs for OVS5MABCR4, OVS5MRBCR4
& OVS5MYBCR4. Page 8: Removed graphs . Replaced with Graphs
for OVS5MBBCR4, OVS5MGBCR4, OVS5MWBCR4 &
OVS5MWWBCR4. Also moved the Beam Angle graph to this page.
Page 9: Removed reliability data. Replaced with Solder & Copper
Patterns. Page 10: Removed Radiation Pattern & Solder Pad Design.
Replaced with SN-PB & PB IR reflow solder profiles. Page 11:
Removed SN-PB & PB IR reflow solder profiles. Replaced with Reel /
Tape and Moisture Packaging drawings. Page 12: Deleted.
K. Bland
3/31/11
C
Master Page: Changed from Issue B 04/2011 to Issue C 10/2011.
OVS5MWWBCR4 Changes: Page 1: Typ Luminous Flux changed
from 23 to 30. Page 3: Optical & Electrical Characteristics Table
(Warm White) changed from Min 18.1 / Typ 23.5 / Max 30.6 TO: Min
23.5 / Typ 30 / Max 39.8. Page 6: Luminous Flux Table: Removed N2
& N3. Added Q2 & Q3.
K. Bland
J.
Plaster
10/26/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com