Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS5MBBCR4 Datasheet(PDF) 5 Page - TT Electronics.

Part # OVS5MBBCR4
Description  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Datasheet(HTML) 5 Page - TT Electronics.

  OVS5MBBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© TT electronics plc
Issue B
11/2016
Page 5
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVS5MxBCR4 Series
Standard Bins (IF = 150mA)
LEDs are sorted to luminous flux (Φ) and chromaticity coordinates (x, y) bins shown. Each reel consists of a single intensity
bin and a single chromaticity bin. Orders are filled using all intensity and chromaticity bins listed in the following table.
Optek will not accept orders for single intensity bins or single chromaticity bins.
Rank
YU
YL
Cx
0.274
0.283
0.307
0.303
0.283
0.290
0.310
0.307
Cy
0.301
0.284
0.316
0.333
0.284
0.270
0.299
0.316
Rank
XU
XL
Cx
0.303
0.307
0.317
0.315
0.307
0.310
0.319
0.317
Cy
0.333
0.316
0.325
0.343
0.316
0.299
0.310
0.325
Rank
WU
WL
Cx
0.315
0.317
0.329
0.329
0.317
0.319
0.329
0.329
Cy
0.343
0.325
0.336
0.354
0.325
0.310
0.319
0.336
Rank
VU
VL
Cx
0.329
0.329
0.345
0.347
0.329
0.329
0.343
0.345
Cy
0.354
0.336
0.350
0.368
0.336
0.319
0.331
0.350
Rank
UU
UL
Cx
0.347
0.345
0.361
0.364
0.345
0.343
0.357
0.361
Cy
0.368
0.350
0.365
0.383
0.350
0.331
0.343
0.365
Chromaticity Coordinates (x, y)
Φ
Luminous Flux (lm)
Bin
Min
Max
Q2
30.6
34.8
Q3
34.8
39.8
R2
39.8
45.2
R3
45.2
51.7
S2
51.7
59.0
S3
59.0
67.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com