Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSA1BBC2R8 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSA1BBC2R8
Description  High intensity with low power consumption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSA1BBC2R8 Datasheet(HTML) 1 Page - TT Electronics.

  OVSA1BBC2R8 Datasheet HTML 1Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 2Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 3Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 4Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 5Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 6Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OVSA1xBC2R8 Series
© TT electronics plc
Issue B
11/2016
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OVSA1xBC2R8 series is designed for wide angle, uniform light output. Its internal reflector and colorless clear
lens optimize luminous intensity and make it ideal for backlighting applications and for coupling with light guides.
Applications:
Traffic lights
Signal and symbol luminaire
Mono-color indicators
Backlighting (LCD, switches, displays, illuminated advertising)
Interior automotive lighting (instrumentation clusters)
Safety marker lights (steps, exit ways)
Features:
High intensity with low power consumption
PLCC4 packaged in 8 mm tape on 7” diameter reel
Compatible with automatic placement equipment
Dimensions: 3.2 x 2.7 x 1.95 mm
120° viewing angle
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
RoHS
Moisture
5a


Similar Part No. - OVSA1BBC2R8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSA1BBC2R8 OPTEK-OVSA1BBC2R8 Datasheet
226Kb / 7P
High intensity with low power consumption
logo
TT Electronics.
OVSA1BBC2R8 TTELEC-OVSA1BBC2R8 Datasheet
844Kb / 7P
High intensity with low power consumption
More results

Similar Description - OVSA1BBC2R8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSA1GBC2R8 OPTEK-OVSA1GBC2R8 Datasheet
226Kb / 7P
High intensity with low power consumption
logo
OptoSupply Internationa...
OS402612GD-XXXXZ3K1X OPTOSUPPLY-OS402612GD-XXXXZ3K1X Datasheet
51Kb / 3P
Low Power Consumption, High Intensity
OS423430GD-XXXXS1C1A OPTOSUPPLY-OS423430GD-XXXXS1C1A Datasheet
50Kb / 3P
Low Power Consumption, High Intensity
OSF003706GD-XXXXS1C1A OPTOSUPPLY-OSF003706GD-XXXXS1C1A Datasheet
39Kb / 3P
Low power consumption, high intensity
OSMW02C04GX-W543Z4E1P-X OPTOSUPPLY-OSMW02C04GX-W543Z4E1P-X Datasheet
49Kb / 3P
Low Power Consumption, High Intensity
logo
TT Electronics.
OVSA1ABC2RB TTELEC-OVSA1ABC2RB Datasheet
844Kb / 7P
High intensity with low power consumption
OVSA1ABLCR8 TTELEC-OVSA1ABLCR8 Datasheet
768Kb / 5P
High intensity with low power consumption
OVSA1BBC2RB TTELEC-OVSA1BBC2RB Datasheet
844Kb / 7P
High intensity with low power consumption
OVSA1XBC2R8 TTELEC-OVSA1XBC2R8 Datasheet
844Kb / 7P
High intensity with low power consumption
OVSA1XBLCR8 TTELEC-OVSA1XBLCR8 Datasheet
768Kb / 5P
High intensity with low power consumption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com