Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPRGBCR4 Datasheet(PDF) 6 Page - TT Electronics.

Part # OVSPRGBCR4
Description  Automotive exterior and interior lighting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPRGBCR4 Datasheet(HTML) 6 Page - TT Electronics.

  OVSPRGBCR4 Datasheet HTML 1Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 2Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 3Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 4Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 5Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Full-color Power SMD 6mm
OVSPRGBCR4
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue E
07/2017 Page 6
TT Electronics | Optek Technology
1645 Wallace Drive, Carrollton, Texas 75006 |Ph: +(972) 323 –2200
www.ttelectronics.com | sensors@ttelectronics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com