Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPYBCR4 Datasheet(PDF) 4 Page - TT Electronics.

Part # OVSPYBCR4
Description  Robust energy-efficient design with long operating life
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPYBCR4 Datasheet(HTML) 4 Page - TT Electronics.

  OVSPYBCR4 Datasheet HTML 1Page - TT Electronics. OVSPYBCR4 Datasheet HTML 2Page - TT Electronics. OVSPYBCR4 Datasheet HTML 3Page - TT Electronics. OVSPYBCR4 Datasheet HTML 4Page - TT Electronics. OVSPYBCR4 Datasheet HTML 5Page - TT Electronics. OVSPYBCR4 Datasheet HTML 6Page - TT Electronics. OVSPYBCR4 Datasheet HTML 7Page - TT Electronics. OVSPYBCR4 Datasheet HTML 8Page - TT Electronics. OVSPYBCR4 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© TT electronics plc
Issue A
11/2016
Page 4
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVSPxBCR4 Series
Φ
Luminous Flux (lm)
Bin
Min
Max
T2
67
76
T3
76
87
U2
87
99
U3
99
113
Ran
k
YO
YA
Cx
0.274 0.303 0.308 0.283 0.283 0.308 0.311 0.290
Cy
0.301 0.333 0.311 0.284 0.284 0.311 0.293 0.270
Ran
k
XM
XN
XO
XP
Cx
0.301 0.314 0.315 0.303 0.303 0.315 0.316 0.305 0.305 0.316 0.318 0.308 0.308 0.318 0.320 0.311
Cy
0.342 0.353 0.343 0.333 0.333 0.343 0.332 0.322 0.322 0.332 0.319 0.311 0.311 0.319 0.301 0.293
Ran
k
WM
WN
WO
WP
WQ
Cx
0.314 0.329 0.329 0.315 0.315 0.329 0.329 0.316 0.316 0.329 0.329 0.318 0.318 0.329 0.329 0.319 0.319 0.329 0.330 0.320
Cy
0.353 0.366 0.354 0.343 0.343 0.354 0.343 0.332 0.332 0.343 0.330 0.319 0.319 0.330 0.319 0.310 0.310 0.319 0.311 0.301
Ran
k
VM
VN
VO
VP
Cx
0.329 0.348 0.347 0.329 0.329 0.347 0.346 0.329 0.329 0.346 0.344 0.329 0.329 0.344 0.343 0.329
Cy
0.366 0.383 0.368 0.354 0.354 0.368 0.357 0.343 0.343 0.357 0.343 0.330 0.330 0.343 0.331 0.319
Ran
k
UM
UN
UO
UP
Cx
0.348 0.367 0.364 0.347 0.347 0.364 0.362 0.346 0.346 0.362 0.359 0.344 0.344 0.359 0.357 0.343
Cy
0.383 0.400 0.383 0.368 0.368 0.383 0.372 0.357 0.357 0.372 0.356 0.343 0.343 0.356 0.343 0.331
Chromaticity Coordinates (x, y)
Standard Bins (I
F = 350mA)
LEDs are sorted to the luminous flux (Φ) and the dominant wavelength (nm) bins shown. Each reel consists
of a single intensity bin and a single color bin. Orders are filled utilizing all of the intensity bins or color bins
listed in the following tables. Optek will not accept orders for single intensity bins or single color bins.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com