Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPYBCR4 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSPYBCR4
Description  Robust energy-efficient design with long operating life
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPYBCR4 Datasheet(HTML) 1 Page - TT Electronics.

  OVSPYBCR4 Datasheet HTML 1Page - TT Electronics. OVSPYBCR4 Datasheet HTML 2Page - TT Electronics. OVSPYBCR4 Datasheet HTML 3Page - TT Electronics. OVSPYBCR4 Datasheet HTML 4Page - TT Electronics. OVSPYBCR4 Datasheet HTML 5Page - TT Electronics. OVSPYBCR4 Datasheet HTML 6Page - TT Electronics. OVSPYBCR4 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
°
OVSPxBCR4 Series
© TT electronics plc
Issue E 08/2017
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OVSPxBCR4 Series is an energy-efficient packaged LED source that offers high luminance, and a long operating lifespan.
These devices offer a 120° viewing angle and an ultra-low profile (1.5mm) making them highly suitable for conventional
lighting and specialized applications. Optional optics are offered to suit application. Please contact OPTEK for more
information.
Applications:
Automotive exterior and interior lighting
Architectural indoor and outdoor lighting
General lighting
Electronic signs and signals
Features:
Robust energy-efficient design with long operating life
Low thermal resistance
High luminous intensity
Optional optics to suit application
Part Number
Viewing
Angle
Material
Emitted Color
Typical Luminous
Flux (lm)
Lens Color
120°
OVSPRBCR4
AllnGaP
Red
42
Water Clear
OVSPYBCR4
AllnGaP
Yellow
34
Water Clear
OVSPW1BCR4
InGaN
White
90
Water Clear
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
RoHS
Moisture2a
WHITE


Similar Part No. - OVSPYBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPYBCR4 OPTEK-OVSPYBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
logo
TT Electronics.
OVSPYBCR4 TTELEC-OVSPYBCR4 Datasheet
1Mb / 9P
Robust energy-efficient design with long operating life
OVSPYBCR4 TTELEC-OVSPYBCR4 Datasheet
1Mb / 9P
Low thermal resistance
logo
OPTEK Technologies
OVSPYBCR44 OPTEK-OVSPYBCR44 Datasheet
601Kb / 9P
1-Watt SMD 6mm With Dome Lens
logo
TT Electronics.
OVSPYBCR44 TTELEC-OVSPYBCR44 Datasheet
792Kb / 11P
1-Watt SMD 6x6mm With Dome Lens
More results

Similar Description - OVSPYBCR4

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
Long operating life.
EP501BL004W PARALIGHT-EP501BL004W Datasheet
186Kb / 12P
Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
Long operating life.
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
Long operating life.
logo
TT Electronics.
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1,020Kb / 8P
Robust energy-efficient design with long operating life
OVS5MWBCR4 TTELEC-OVS5MWBCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
OVS5WBCR4 TTELEC-OVS5WBCR4 Datasheet
885Kb / 5P
Robust energy-efficient design with long operating life
OVSPRBCR4 TTELEC-OVSPRBCR4 Datasheet
1Mb / 9P
Robust energy-efficient design with long operating life
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com