Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS04 Datasheet(PDF) 2 Page - TT Electronics.

Part # PHS04
Description  Rotary Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS04 Datasheet(HTML) 2 Page - TT Electronics.

  PHS04 Datasheet HTML 1Page - TT Electronics. PHS04 Datasheet HTML 2Page - TT Electronics. PHS04 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Rotary Position Sensor
PHS04 Series
Issue A
09/2016 Page 2
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA 92835-1053 |Ph: +1 714 447 2300
www.ttelectronics.com | sensors@ttelectronics.com
Mechanical Characteristics
Rotational torque
20mN-m
Total rotational angle
360°
Push strength
30 N, 3 sec
Pull strength
5 N, 3 sec
Operating temperature
-20°C to 70°C
Storage temperature
-30°C to 70°C
Operating life
300,000 (Standard)
1,000,000 (Long life)
Dry Heat
70±2°C, 240±2hr, -30%≤ ∆TR≤+5%
Cold
-30±2°C, 300±5hr, without load,
∆TR≤±20%
Damp Heat
70±2°C, 85%RH, 300±5hr, -5%≤
∆TR≤+35%
Temperature Cycle
-10~+70°C, 5 cycles , ∆TR≤±10%
Temperature Characteristics
70±3°Cn 5hr, -20%≤∆TR≤+5%
Soldering Conditions
Wave soldering: 255±5°C 3 sec
Manual soldering: 3445±5°C 3 sec



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com