Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS07 Datasheet(PDF) 1 Page - TT Electronics.

Part # PHS07
Description  High accuracy and long life over 1 million cycles
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHS07 Datasheet(HTML) 1 Page - TT Electronics.

  PHS07 Datasheet HTML 1Page - TT Electronics. PHS07 Datasheet HTML 2Page - TT Electronics. PHS07 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rotary Position Sensor
PHS07
© TT electronics plc
Issue A
02/2017
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features:
Dust-proof construction protects the interior from dust, which
maintains stable characteristics
High accuracy and long life over 1 million cycles
Stable output characteristics can be secured for external noise and
temperature changes
Electrical Specifications
Total resistance
500Ω—1MΩ
Total resistance tolerance
±20%
Resistance taper
B taper
Rated voltage
DC 5V, AC 50V
Rated power
0.01W
Linearity tolerance
Less than ±2%
Insulated resistance
More than 100MΩ at DC 250V for 1 minute
Withstand voltage
250V AC for 1 minute
Mechanical Specifications
Total rotational angle
360° continuous
Rotational torque
Less than 50 gf .com
Pull strength of rotational shaft
500gf min
Environmental Specifications
Storage temperature
-40°C to +70°C
Operating temperature
-10°C to +70°C
Dry heat
70±2°C, 240±2h, ∆TR+5%/-30%
Cold
-30±2°C, 300±5h, without load, ∆TR±20%
Damp heat
70±2°C, 85% RH, 300±5h, ∆TR+35/-5%
Temperature cycles
-10°C-+70°C, 5 cycles, ∆TR ±10%
Rotational life
Standard life: 500,000 cycles min.; Long life: 1,000,000 cycles min.
Temperature characteristic
70±3°C, 5H, ∆TR+5%/-20%
Soldering condition
Wave soldering: 260±5°C sec max.; Manual soldering: 350°C±10°C 3 sec max.
Operating temperature range
-10°C—+70°C


Similar Part No. - PHS07

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS04-H1BR10KE280 TTELEC-PHS04-H1BR10KE280 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS04-H1BR5KE280 TTELEC-PHS04-H1BR5KE280 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS04-P1BR10KE280 TTELEC-PHS04-P1BR10KE280 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS04-P1BR5KE280 TTELEC-PHS04-P1BR5KE280 Datasheet
663Kb / 3P
Rotary Position Sensor
More results

Similar Description - PHS07

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P270 BITECH-P270 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Bi technologies
P270 BITECH-P270_09 Datasheet
157Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P271 BITECH-P271_09 Datasheet
157Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
logo
Grayhill, Inc
62R22-01-040S GRAYHILL-62R22-01-040S Datasheet
394Kb / 2P
Redundant Circuitry 1 Million Rotational Cycles
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L_15 Datasheet
649Kb / 3P
A compact long-life type with a rotational life of 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com