Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2N7002
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002 Datasheet(HTML) 3 Page - Diodes Incorporated

  2N7002 Datasheet HTML 1Page - Diodes Incorporated 2N7002 Datasheet HTML 2Page - Diodes Incorporated 2N7002 Datasheet HTML 3Page - Diodes Incorporated 2N7002 Datasheet HTML 4Page - Diodes Incorporated 2N7002 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N7002
Document number: DS11303 Rev. 34 - 2
3 of 5
www.diodes.com
December 2017
© Diodes Incorporated
2N7002
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 On-Region Characteristics
DS
0
1
2
3
4
5
0
0.2
I , DRAIN CURRENT (A)
Fig. 2 On-Resistance vs. Drain Current
D
6
7
0.4
0.6
0.8
1.0
1.0
1.5
2.0
2.5
3.0
-55
-30
-5
20
45
70
95
120
145
T , JUNCTION TEMPERATURE ( C)
Fig. 3 On-Resistance vs. Junction Temperature
j
°
V
= 10V,
I = 200mA
GS
D
0
V
, GATE TO SOURCE VOLTAGE (V)
Fig. 4 On-Resistance vs. Gate-Source Voltage
GS
I = 50mA
D
I = 500mA
D
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
0
2
1
4
3
0
0.2
0.4
0.6
0.8
1
I , DRAIN CURRENT (A)
Fig. 5 Typical Transfer Characteristics
D
6
5
8
7
10
9
0
50
100
150
200
250
300
350
0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 6 Max Power Dissipation vs. Ambient Temperature
A
°
400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com