Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6712LU Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6712LU
Description  Low Cost 4 Stereo Inputs and 4-Channel Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6712LU Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6712LU Datasheet HTML 1Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 2Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 3Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 4Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 5Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 6Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 7Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 8Page - MOSA ELECTRONICS MS6712LU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MOSA
MS6712L
Low Cost 4 Stereo Inputs / 4-Channel Outputs Audio Processor
REV 2
1/14
www.mosanalog.com
Low Cost 4 Stereo Inputs and 4-Channel Outputs
Volume, Tone, Balance, Fader, Loudness,
and Selectable Input Gain
FEATURES
•Operation range : 2.7V~6.5V
•4 stereo inputs with selectable input gain
•4 independent speaker controls for fader and balance
•Tone controls (treble and bass) and loudness function
•Independent mute function
•Volume control in 1.25 dB/step
•I
2C interface
•Components less and good PSRR
APPLICATIONS
•Portable audio device
•Car stereo audio
•Hi-Fi audio system
•Housed in SOP32 packages
DESCRIPTION
The MS6712L is a 4 stereo inputs/4-channel outputs digital control audio processor for the low voltage operation.
Volume, tone (bass and treble), balance (left/right), and fader (front/rear) processor are incorporated into a single chip.
The MS6712L also has the loudness function and selectable input gain. These functions can be built a Hi-Fi audio
system easily. All functions are programmable via the serial I
2C bus. The default states of the chip as the power is on
are: the volume is -78.75dB, the stereo 4 is selected, all the speakers are mute and the gains of the input stage, the bass
and the treble are 0dB.
BLOCK DIAGRAM
RIN2
RIN1
Treble
Bass
Volume &
Londness
Volume &
Londness
Bass
Treble
LIN1
LIN2
LIN3
RIN3
REF
R
B
R
B
Input
Selector
&Gain
Control
LOUD_R
ROUT
RIN
TREB_R
BOUT_R BIN_R
LOUD_L
LOUT
LIN
TREB_L
BOUT_L BIN_L
1
8
9
11
5
6
7
17
18
19
12
13
15
23
24
25
20
21
22
Mute
OUT_LF
OUT_LR
OUT_RF
OUT_RR
29
26
27
28
SCL
SDA
DGND
30
31
32
Supply
AVDD AGND
2
3
Serial Bus Decoder and Latches
Mute
Speaker
ATT
Mute
Speaker
ATT
Speaker
ATT
Mute
Speaker
ATT
LIN4
16
RIN4
10


Similar Part No. - MS6712LU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712GTR MOSA-MS6712GTR Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712GU MOSA-MS6712GU Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
More results

Similar Description - MS6712LU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7322 MAXIM-MAX7322 Datasheet
215Kb / 18P
I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 1; 9/06
logo
MOSA ELECTRONICS
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
logo
Maxim Integrated Produc...
MAX7322 MAXIM-MAX7322_14 Datasheet
1,020Kb / 16P
I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 2; 5/14
logo
MOSA ELECTRONICS
MS6713L MOSA-MS6713L Datasheet
669Kb / 14P
Low Cost 3 Stereo Inputs and 4-Channel Outputs
MS6714L MOSA-MS6714L Datasheet
662Kb / 14P
Low Cost 4 Stereo Inputs and 1 Stereo Output
MS6720L MOSA-MS6720L Datasheet
578Kb / 12P
Low Cost 3 Stereo Inputs and 4-Channel Outputs
logo
Carlo Gavazzi Holding A...
G34409943824 CARLOGAVAZZI-G34409943824 Datasheet
892Kb / 7P
4 inputs / 4 outputs digital transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com