Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6715SSLU Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6715SSLU
Description  Low Cost 1 Stereo Input and 1 Stereo Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6715SSLU Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6715SSLU Datasheet HTML 5Page - MOSA ELECTRONICS MS6715SSLU Datasheet HTML 6Page - MOSA ELECTRONICS MS6715SSLU Datasheet HTML 7Page - MOSA ELECTRONICS MS6715SSLU Datasheet HTML 8Page - MOSA ELECTRONICS MS6715SSLU Datasheet HTML 9Page - MOSA ELECTRONICS MS6715SSLU Datasheet HTML 10Page - MOSA ELECTRONICS MS6715SSLU Datasheet HTML 11Page - MOSA ELECTRONICS MS6715SSLU Datasheet HTML 12Page - MOSA ELECTRONICS MS6715SSLU Datasheet HTML 13Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MOSA
MS6715L
Low Cost 1 Stereo Input / 1 Stereo Output Audio Processor
REV 2
11/13
www.mosanalog.com
Examples
Set Volume at –37.5dB.
MSB
ACK
Start
0
0
0
1
1
0
1
1
MS6715L Address
LSB
Stop
ACK
-30dB
-7.5dB
Data byte
Set Speaker Right at -30dB.
MSB
ACK
Start
1
0
1
1
0
0
1
0
MS6715L Address
LSB
Stop
ACK
-30dB
0dB
Speaker
R
Data byte
Set Speaker Left in mute-on.
MSB
ACK
Start
1
0
0
1
1
1
1
1
MS6715L Address
LSB
Stop
ACK
Speaker
L
Mute
Data byte
Set Loudness in turn-on.
MSB
ACK
Start
0
1
0
X
X
X
X
0
MS6715L Address
LSB
Stop
ACK
Loudness
ON
Data byte
X : don’t care
Set Treble at -10dB.
MSB
ACK
Start
0
1
1
1
1
0
0
0
MS6715L Address
LSB
Stop
ACK
Treble
-10dB
Data byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com