Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6720SSLU Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6720SSLU
Description  Low Cost 3 Stereo Inputs and 4-Channel Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6720SSLU Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6720SSLU Datasheet HTML 1Page - MOSA ELECTRONICS MS6720SSLU Datasheet HTML 2Page - MOSA ELECTRONICS MS6720SSLU Datasheet HTML 3Page - MOSA ELECTRONICS MS6720SSLU Datasheet HTML 4Page - MOSA ELECTRONICS MS6720SSLU Datasheet HTML 5Page - MOSA ELECTRONICS MS6720SSLU Datasheet HTML 6Page - MOSA ELECTRONICS MS6720SSLU Datasheet HTML 7Page - MOSA ELECTRONICS MS6720SSLU Datasheet HTML 8Page - MOSA ELECTRONICS MS6720SSLU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MOSA
MS6720L
Low Cost 3 Stereo Inputs / 4-Channel Outputs Audio Processor
REV 2
2/12
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
REF
VDD
ROUT
RIN1
RIN2
RIN3
LIN2
19
18
17
20
2
3
4
1
SCL
SDA
DGND
OUT_LF
AGND
OUT_RF
OUT_LR
OUT_RR
LOUT
LIN
LIN1
15
14
13
16
6
7
8
5
11
12
10
9
MS6720L
LIN3
RIN
SSOP20
REF
1
Analog Reference Voltage(1/2VDD)
VDD
2
Supply Input Voltage
AGND
3
Analog Ground
RIN
4
Audio Processor Right Channel Input
ROUT
5
Gain Output and Input Selector for Right Channel
RIN3
6
Right Channel Input 3
RIN2
7
Right Channel Input 2
RIN1
8
Right Channel Input 1
LIN3
9
Left Channel Input 3
LIN2
10
Left Channel Input 2
LIN1
11
Left Channel Input 1
LIN
12
Audio Processor Left Channel Input
LOUT
13
Gain Output and Input Selector for Left Channel
OUT_RR
14
Right Rear Speaker Output
OUT_LR
15
Left Rear Speaker Output
OUT_RF
16
Right Front Speaker Output
OUT_LF
17
Left Front Speaker Output
DGND
18
Digital Ground
SDA
19
I
2C Data Input
SCL
20
I
2C Clock Input
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
20-Pin SSOP (lead free)
MS6720SSLTR
MS6720L
2.5k Units Tape and Reel
20-Pin SSOP (lead free)
MS6720SSLU
MS6720L
56 Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6.5
V
VESD
Electrostatic Handling
-3000 to 3000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SSOP20
210
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com