Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9105AFE Datasheet(PDF) 2 Page - Sames

Part # PM9105AFE
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9105AFE Datasheet(HTML) 2 Page - Sames

  PM9105AFE Datasheet HTML 1Page - Sames PM9105AFE Datasheet HTML 2Page - Sames PM9105AFE Datasheet HTML 3Page - Sames PM9105AFE Datasheet HTML 4Page - Sames PM9105AFE Datasheet HTML 5Page - Sames PM9105AFE Datasheet HTML 6Page - Sames PM9105AFE Datasheet HTML 7Page - Sames PM9105AFE Datasheet HTML 8Page - Sames PM9105AFE Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PM9105AF
sames
2/10
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS *
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Note 1)
V
AC
540
V
Storage Temperature
T
STG
-25
+125
°C
Operating Temperature (Note 2)
T
O
-10
+70
°C
Note 1:
Voltages are specified with reference to Neutral.
Note 2:
The SA9105 integrated circuit is specified to operate over the temperature
range -10°C to +70°C. The module functionality will however depend upon
the external components used.
* Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other conditions above those indicated in the operation sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com